Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMB-910004 Datasheet (PDF) - PCTEL, Inc.

EMB-910004 Datasheet PDF - PCTEL, Inc.
Part # EMB-910004
Download  EMB-910004 Download
File Size   711.77 Kbytes
Page   7 Pages
Manufacturer  PCTEL [PCTEL, Inc.]
Direct Link  https://www.pctel.com/
Logo PCTEL - PCTEL, Inc.
Description Dual-Band Dipole Antenna for 2.4/5 GHz Wi-Fi Wi-Fi Antennas

EMB-910004 Datasheet (PDF)

Go To PDF Page Download Datasheet
EMB-910004 Datasheet PDF - PCTEL, Inc.

Part # EMB-910004
Download  EMB-910004 Click to download

File Size   711.77 Kbytes
Page   7 Pages
Manufacturer  PCTEL [PCTEL, Inc.]
Direct Link  https://www.pctel.com/
Logo PCTEL - PCTEL, Inc.
Description Dual-Band Dipole Antenna for 2.4/5 GHz Wi-Fi Wi-Fi Antennas

EMB-910004 Datasheet (HTML) - PCTEL, Inc.


EMB-910004 Product details

Description
Dual-band dipole antenna
designed to cover the
2.4 GHz and the 5 GHz
Wi-Fi bands

Features
Designed to be mounted to a plastic support or directly to a
non-metallic surface in the host product with plastic
screws/nuts or heat stakes or other features in the
host device
Low-profile antenna design exhibits wide coverage patterns
in the 2.4 and 5 GHz frequency bands
Comes with an attached 6” micro-coax cable with a
U.FL-style connector
Approved for use with the PCTEL RM-WIFI-AC-2X2-HP
5 GHz radio module




Similar Part No. - EMB-910004

ManufacturerPart #DatasheetDescription
logo
PCTEL, Inc.
EMB-910001 PCTEL-EMB-910001 Datasheet
650Kb / 6P
Horizontally-Polarized Monopole Antenna for 5 GHz Wi-Fi
September 2023
EMB-910002 PCTEL-EMB-910002 Datasheet
730Kb / 7P
Tri-Band Inverted-F Antenna for 2.4/5/6 GHz Wi-Fi Wi-Fi Antennas
EMB-910003 PCTEL-EMB-910003 Datasheet
743Kb / 7P
Tri-Band Monopole Antenna for 2.4/5/6 GHz Wi-Fi Wi-Fi Antennas
More results


Similar Description - EMB-910004

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FXP830070100C ETC2-FXP830070100C Datasheet
296Kb / 11P
FXP.830 Freedom Wi-Fi 2.4/5 GHz Dipole Antenna
FXP830090100C ETC2-FXP830090100C Datasheet
349Kb / 11P
FXP.830 Freedom Wi-Fi 2.4/5 GHz Dipole Antenna
logo
World Produts Inc.
WPANT30005-SA WPI-WPANT30005-SA Datasheet
251Kb / 4P
2.4 GHz Wi-Fi Stubby Antenna
WPANT30033-R2A WPI-WPANT30033-R2A Datasheet
78Kb / 2P
2.4 GHz Wi-Fi Stubby Antenna
WPANT30069-S1A WPI-WPANT30069-S1A Datasheet
195Kb / 3P
2.4 GHz & 5 GHz Wi-Fi Dual-band Body-mount Antenna
logo
Taoglas antenna solutio...
FXP830070100C TAOGLAS-FXP830070100C Datasheet
404Kb / 13P
FXP.830 Freedom Dual Band Wi-Fi 2.4/5.8 GHz Dipole Antenna
FXP830090100C TAOGLAS-FXP830090100C Datasheet
432Kb / 13P
FXP.830 Freedom Dual Band Wi-Fi 2.4/5.8GHz Dipole Antenna
FXP830240100B TAOGLAS-FXP830240100B Datasheet
453Kb / 14P
FXP830 Freedom Dual Band Wi-Fi 2.4/5.8 GHz Dipole Antenna
logo
World Produts Inc.
WPANT30005-SA WPI-WPANT30005-SA_15 Datasheet
248Kb / 4P
2.4 GHz Wi-Fi Stubby Antenna
WPANT30069-S1A WPI-WPANT30069-S1A_15 Datasheet
193Kb / 3P
2.4 GHz & 5 GHz Wi-Fi Dual-band Body-mount Antenna
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com