Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1501029 Datasheet (PDF) - PHOENIX CONTACT

1501029 Datasheet PDF - PHOENIX CONTACT
Part # 1501029
Download  1501029 Download
File Size   1712.32 Kbytes
Page   17 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SAC-5P-M12MS/ 0,6-PUR/M12FR SH - Sensor/actuator cable

1501029 Datasheet (PDF)

Go To PDF Page Download Datasheet
1501029 Datasheet PDF - PHOENIX CONTACT

Part # 1501029
Download  1501029 Click to download

File Size   1712.32 Kbytes
Page   17 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SAC-5P-M12MS/ 0,6-PUR/M12FR SH - Sensor/actuator cable

1501029 Datasheet (HTML) - PHOENIX CONTACT


1501029 Product details

Sensor/actuator cable, 5-position, PUR halogen-free, black-gray RAL 7021, shielded (Tinned
copper braided shield), Plug straight M12, coding: A, on Socket angled M12, coding: A, cable
length: 0.6 m

Your advantages
• Easy and safe: 100 % electrically tested plug-in components
• Reliable signal transmission – 360° shielding in environments with electromagnetic interference




Similar Part No. - 1501029

ManufacturerPart #DatasheetDescription
logo
Lumberg
150102 LUMBERG-150102 Datasheet
526Kb / 3P
Jack connectors
logo
List of Unclassifed Man...
1501021000CB ETC2-1501021000CB Datasheet
172Kb / 4P
Flame Retardant Wrap and Fill Axial Leaded Capacitors
150102630AA ETC2-150102630AA Datasheet
172Kb / 4P
Flame Retardant Wrap and Fill Axial Leaded Capacitors
150102630BB ETC2-150102630BB Datasheet
172Kb / 4P
Flame Retardant Wrap and Fill Axial Leaded Capacitors
logo
Cornell Dubilier Electr...
150102J1000CB1 CDE-150102J1000CB1 Datasheet
172Kb / 4P
Type 150 Axial Leaded Metallized Polyester
More results


Similar Description - 1501029

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1439573 PHOENIX-1439573 Datasheet
108Kb / 5P
Sensor/Actuator cable - SAC-5P-M12MS/0,6-PUR/AD-2L
1412468 PHOENIX-1412468 Datasheet
106Kb / 3P
Sensor/actuator cable - SAC-5P-MS/0,6-PUR/FS SH VA
12/04/2018
1454545 PHOENIX-1454545 Datasheet
112Kb / 5P
Sensor/actuator cable - SAC-5P-M12MS/ 2,0-802/M12FR
12/05/2018
1501003 PHOENIX-1501003 Datasheet
173Kb / 12P
Sensor/actuator cable - SAC-5P-M12MS/ 0,3-PUR/M12FR SH
09/11/2020
1501058 PHOENIX-1501058 Datasheet
173Kb / 12P
Sensor/actuator cable - SAC-5P-M12MS/ 3,0-PUR/M12FR SH
09/11/2020
1511569 PHOENIX-1511569 Datasheet
114Kb / 4P
Sensor/actuator cable - SAC-5P-M12MS/ 4,0-PUR/M12FS SH
12/05/2018
1530854 PHOENIX-1530854 Datasheet
114Kb / 4P
Sensor/actuator cable - SAC-5P-M12MS/25,0-PUR/M12FS SH
12/06/2018
1567173 PHOENIX-1567173 Datasheet
149Kb / 11P
Sensor/actuator cable - SAC-4P-M12MS/0,6-800/M12FR-3L
09/11/2020
1476908 PHOENIX-1476908 Datasheet
2Mb / 9P
SAC-5P-P12MS/ 0,6-PUR/P12FR SH - Sensor/actuator cable
1476911 PHOENIX-1476911 Datasheet
3Mb / 9P
SAC-5P-P12MS/ 0,6-PUR/P12FS SH - Sensor/actuator cable
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com