Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74LVC74A Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
SN74LVC74A Datasheet PDF - Texas Instruments
Part # SN74LVC74A
Download  SN74LVC74A Download
File Size   1425.39 Kbytes
Page   23 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description SN74LVC74A-Q1 Automotive Dual Positive-Edge-Triggered D-Type Flip-Flop With Clear and Preset

SN74LVC74A Datasheet (PDF)

Go To PDF Page Download Datasheet
SN74LVC74A Datasheet PDF - Texas Instruments

Part # SN74LVC74A
Download  SN74LVC74A Click to download

File Size   1425.39 Kbytes
Page   23 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description SN74LVC74A-Q1 Automotive Dual Positive-Edge-Triggered D-Type Flip-Flop With Clear and Preset

SN74LVC74A Datasheet (HTML) - Texas Instruments


SN74LVC74A Product details

1 Features
• Qualified for automotive applications
• ESD protection exceeds 2000V per MIL-STD-883,
Method 3015
• Operates from 2V to 3.6V
• Inputs accept voltages to 5.5V
• Max tpd of 5.2ns at 3.3V
• Typical VOLP (output ground bounce) <0.8V at VCC
= 3.3V, TA = 25°C
• Typical VOHV (output VOH undershoot) >2V at VCC
= 3.3V, TA = 25°C

2 Description
The SN74LVC74A-Q1 dual positive-edge-triggered
D-type flip-flop is designed for 2.7V to 3.6V VCC
operation.




Similar Part No. - SN74LVC74A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC74A TI-SN74LVC74A Datasheet
814Kb / 19P
DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH CLEAR AND PRESET
SN74LVC74A TI-SN74LVC74A Datasheet
661Kb / 19P
DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH CLEAR AND PRESET
SN74LVC74A TI1-SN74LVC74A Datasheet
1Mb / 27P
DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH CLEAR AND PRESET
SN74LVC74A TI1-SN74LVC74A Datasheet
2Mb / 40P
SNx4LVC74A Dual Positive-Edge-Triggered D-Type Flip-Flops With Clear and Preset
MAY 2024
SN74LVC74A TI-SN74LVC74A Datasheet
1Mb / 26P
SN74LVC74A-Q1 Automotive Dual Positive-Edge-Triggered D-Type Flip-Flop With Clear and Preset
AUGUST 2024
More results


Similar Description - SN74LVC74A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74AC11074 TI-74AC11074 Datasheet
92Kb / 6P
DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH CLEAR AND PRESET
REVISED APRIL 1996
74ACT11074 TI-74ACT11074 Datasheet
81Kb / 5P
DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH CLEAR AND PRESET
logo
Fairchild Semiconductor
DM74AS74 FAIRCHILD-DM74AS74 Datasheet
69Kb / 7P
Dual D-Type Positive-Edge-Triggered Flip-Flop with Preset and Clear
logo
Texas Instruments
SN74LVC74 TI-SN74LVC74 Datasheet
84Kb / 6P
DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH CLEAR AND PRESET
SN74ALVC74 TI-SN74ALVC74 Datasheet
127Kb / 8P
DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH CLEAR AND PRESET
SN74HC74-EP TI1-SN74HC74-EP Datasheet
600Kb / 12P
DUAL D-TYPE POSITIVE EDGE TRIGGERED FLIP-FLOP WITH CLEAR AND PRESET
SN74LVC74A-EP TI1-SN74LVC74A-EP Datasheet
550Kb / 13P
DUAL POSITIVE EDGE TRIGGERED D-TYPE FLIP-FLOP WITH CLEAR AND PRESET
SN74LVC74A-Q1 TI1-SN74LVC74A-Q1 Datasheet
222Kb / 11P
DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH CLEAR AND PRESET
SN74AHCT74-EP TI1-SN74AHCT74-EP Datasheet
434Kb / 9P
DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH CLEAR AND PRESET
SN74HC74-Q1 TI1-SN74HC74-Q1_15 Datasheet
828Kb / 14P
DUAL D-TYPE POSITIVE-EDGE-TRIGGERED FLIP-FLOP WITH CLEAR AND PRESET
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com