Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL103WA Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
TL103WA Datasheet PDF - Texas Instruments
Part # TL103WA
Download  TL103WA Download
File Size   1425.24 Kbytes
Page   33 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description TL103Wx Dual Operational Amplifiers With Internal Reference

TL103WA Datasheet (PDF)

Go To PDF Page Download Datasheet
TL103WA Datasheet PDF - Texas Instruments

Part # TL103WA
Download  TL103WA Click to download

File Size   1425.24 Kbytes
Page   33 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description TL103Wx Dual Operational Amplifiers With Internal Reference

TL103WA Datasheet (HTML) - Texas Instruments


TL103WA Product details

1 Features
• New TL103WB, a pin-compatible upgrade to the
TL103W and TL103WA
• Improved specifications of B version amplifiers:
– Supply range: 3V to 36V
– Low maximum input offset voltage: ±2mV
(25°C) and ±2.5mV (full temperature)
– Gain bandwidth: 1.2MHz
– Total supply current: 550μA
– EMI rejection: integrated RF and EMI filter
– Temperature range: –40°C to 125°C
• Improved specifications of B version reference:
– Fixed 2.5V reference
– Tight tolerance maximum of 0.44% (25°C) and
1.04% (full temperature)
– Wide sink-current range:
0.2mA (typical) to 100mA

2 Applications
• Battery chargers
• Switch-mode power supplies
• Linear voltage regulation
• Data-acquisition systems
• Precision constant current sink

3 Description
The TL103Wx devices combine the building blocks
of a dual operational amplifier and a fixed voltage
reference – both of which are often used in the control
circuitry of switch-mode and linear power supplies.
OP AMP1 has the noninverting input internally tied
to a fixed 2.5V reference, while OP AMP2 is
independent, with both inputs uncommitted.
The upgraded TL103WB features improvements
such as a wider supply range (up to 36V), lower
supply current (275μA/amp) and tighter voltage
regulation. This regulation can be achieved through
low offset voltages for both operational amplifiers
(0.3mV typical) and tight tolerances for the voltage
reference (0.44% at 25°C and 1.04% over operating
temperature range).
The TL103WB has a widened temperature range of
–40°C to 125°C.




Similar Part No. - TL103WA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL103WA TI1-TL103WA Datasheet
744Kb / 16P
Dual Operational Amplifiers With Internal Reference
TL103WA TI1-TL103WA Datasheet
927Kb / 18P
TL103Wx Dual Operational Amplifiers With Internal Reference
REVISED AUGUST 2023
TL103WA TI1-TL103WA Datasheet
1Mb / 29P
TL103Wx Dual Operational Amplifiers With Internal Reference
REVISED DECEMBER 2023
TL103WA TI1-TL103WA Datasheet
1Mb / 32P
TL103Wx Dual Operational Amplifiers With Internal Reference
DECEMBER 2023
TL103WAID TI-TL103WAID Datasheet
196Kb / 9P
DUAL OPERATIONAL aMPLIFIERS WITH INTERNAL REFERENCE
More results


Similar Description - TL103WA

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM613 NSC-LM613 Datasheet
1Mb / 22P
Dual Operational Amplifiers, Dual Comparators, and Adjustable Reference
logo
Linear Technology
LTC1051 LINER-LTC1051 Datasheet
971Kb / 15P
Dual/Quad Precision Chopper Stabilized Operational Amplifiers with Internal Capacitors
logo
Texas Instruments
TL103W TI-TL103W Datasheet
196Kb / 9P
DUAL OPERATIONAL aMPLIFIERS WITH INTERNAL REFERENCE
TL103W TI-TL103W_08 Datasheet
302Kb / 12P
DUAL OPERATIONAL AMPLIFIERS WITH INTERNAL REFERENCE
logo
Taiwan Semiconductor Co...
TS103 TSC-TS103 Datasheet
365Kb / 6P
Dual Operational Amplifiers And Voltage Reference
TS103 TSC-TS103_14 Datasheet
344Kb / 6P
Dual Operational Amplifiers And Voltage Reference
logo
Texas Instruments
LM613 TI1-LM613 Datasheet
1Mb / 32P
Dual Operational Amplifiers, Dual Comparators, and Adjustable Reference
TL103W TI1-TL103W_16 Datasheet
744Kb / 16P
Dual Operational Amplifiers With Internal Reference
TL103W TI1-TL103W_V01 Datasheet
927Kb / 18P
TL103Wx Dual Operational Amplifiers With Internal Reference
REVISED AUGUST 2023
TL103W TI1-TL103W_V02 Datasheet
1Mb / 29P
TL103Wx Dual Operational Amplifiers With Internal Reference
REVISED DECEMBER 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com