Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M63 Datasheet (PDF) - Tyco Electronics

M63 Datasheet PDF - Tyco Electronics
Part # M63
Download  M63 Download
File Size   377.61 Kbytes
Page   3 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Double-Balanced Mixer

M63 Datasheet (PDF)

Go To PDF Page Download Datasheet
M63 Datasheet PDF - Tyco Electronics

Part # M63
Download  M63 Click to download

File Size   377.61 Kbytes
Page   3 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Double-Balanced Mixer

M63 Datasheet (HTML) - Tyco Electronics


M63 Product details

DOUBLE-BALANCED MIXER

• LO 2.5 TO 7 GHz
• RF 2.5 TO 5.5 GHz
• IF DC TO 1.5 GHz
• LO DRIVE +9 dBm (nominal)
• LOW NOISE FIGURE 5.8 dB (TYP.)




Similar Part No. - M63

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
M63 MACOM-M63 Datasheet
124Kb / 2P
DOUBLE-BALANCED MIXER
logo
M/A-COM Technology Solu...
M63 MA-COM-M63 Datasheet
989Kb / 3P
Double-Balanced Mixer
logo
Integrated Circuit Syst...
M630 ICST-M630 Datasheet
87Kb / 1P
VOLTAGE CONTROLLED SAW OSCILLATOR
Rev 1.1
logo
PETERMANN-TECHNIK
M6300 PETERMANN-M6300 Datasheet
120Kb / 2P
FUNDAMENTAL TECHNIQUE FOR LOW JITTER
logo
ML Accessories Limited....
M6300 KNIGHTSBRIDGE-M6300 Datasheet
243Kb / 1P
Metal Clad 13A Switched Spur Unit
11/04/2024
More results


Similar Description - M63

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SGM-2-17 ETC1-SGM-2-17 Datasheet
253Kb / 4P
DOUBLE-BALANCED MIXER DOUBLE-BALANCED MIXER
logo
Tyco Electronics
M2B MACOM-M2B Datasheet
331Kb / 3P
Double-Balanced Mixer
M6D-50 MACOM-M6D-50_1 Datasheet
222Kb / 3P
Double-Balanced Mixer
M6R MACOM-M6R Datasheet
187Kb / 3P
Double-Balanced Mixer
M9BC MACOM-M9BC Datasheet
167Kb / 2P
Double-Balanced Mixer
M74 MACOM-M74 Datasheet
431Kb / 3P
Double-Balanced Mixer
M76 MACOM-M76 Datasheet
495Kb / 3P
Double-Balanced Mixer
logo
M/A-COM Technology Solu...
M2E MA-COM-M2E Datasheet
127Kb / 3P
Double-Balanced Mixer
M1G MA-COM-M1G Datasheet
97Kb / 3P
Double-Balanced Mixer
M6D-50 MA-COM-M6D-50 Datasheet
658Kb / 3P
Double-Balanced Mixer
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com