Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8117D Datasheet (PDF) - PCTEL, Inc.

8117D Datasheet PDF - PCTEL, Inc.
Part # 8117D
Download  8117D Download
File Size   191.06 Kbytes
Page   1 Pages
Manufacturer  PCTEL [PCTEL, Inc.]
Direct Link  https://www.pctel.com/
Logo PCTEL - PCTEL, Inc.
Description GPS L1/QZSS L1/GLONSASS G1 Active Magnetic Mount Antenna

8117D Datasheet (PDF)

Go To PDF Page Download Datasheet
8117D Datasheet PDF - PCTEL, Inc.

Part # 8117D
Download  8117D Click to download

File Size   191.06 Kbytes
Page   1 Pages
Manufacturer  PCTEL [PCTEL, Inc.]
Direct Link  https://www.pctel.com/
Logo PCTEL - PCTEL, Inc.
Description GPS L1/QZSS L1/GLONSASS G1 Active Magnetic Mount Antenna

8117D Datasheet (HTML) - PCTEL, Inc.


8117D Product details

Features
GPS L1/QZSS L1/GLONSASS G1 Frequencies
Voltage range 2.5 – 5 V
LNA 30 dB gain typical
Low noise figure 1.5 dB




Similar Part No. - 8117D

ManufacturerPart #DatasheetDescription
logo
Videk Ltd
8117 VIDEK-8117 Datasheet
206Kb / 2P
Gender Changers & Port Savers Low Profile Gender Changers
logo
Bourns Electronic Solut...
8117-RC BOURNS-8117-RC Datasheet
103Kb / 1P
Common Mode Inductors (with Optional Header) Dielectric strength: 1500 Vrms
logo
Festo Corporation.
8117022 FESTO-8117022 Datasheet
101Kb / 2P
Pinch valve
11/26/21
8117023 FESTO-8117023 Datasheet
100Kb / 2P
Pinch valve
11/26/21
8117024 FESTO-8117024 Datasheet
97Kb / 2P
Pinch valve
11/26/21
More results


Similar Description - 8117D

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
RF-3070-AT242 HARRIS-RF-3070-AT242 Datasheet
185Kb / 2P
Soldier Worn Active L1/L2 GPS Antenna
logo
World Produts Inc.
WPANT10075 WPI-WPANT10075 Datasheet
97Kb / 2P
GPS L1 band Antenna
logo
Tallysman Wireless Inc.
TW1010 TALLYSMAN-TW1010 Datasheet
196Kb / 2P
Embedded GPS L1 Antenna
TW3039 TALLYSMAN-TW3039 Datasheet
171Kb / 2P
TW3039 Permanent Mount GPS L1 Antenna
TW3101 TALLYSMAN-TW3101 Datasheet
395Kb / 2P
TW3101 Non Magnetic GPS L1 Antenna
TW3872E TALLYSMAN-TW3872E Datasheet
241Kb / 2P
TW3872E GPS L1/L2 GLONASS G1/G2 Antenna
logo
Maxtena Inc.
M1227HCT-A2-SMA MAXTENA-M1227HCT-A2-SMA Datasheet
265Kb / 1P
RUGGED L1/L2 GPS GLONASS ACTIVE ANTENNA
Rev 1.2
M1227HCT-A-EMB MAXTENA-M1227HCT-A-EMB Datasheet
330Kb / 2P
RUGGED L1/L2 GPS GLONASS ACTIVE ANTENNA
REV B
M1227HCT-SMA-GN MAXTENA-M1227HCT-SMA-GN Datasheet
1Mb / 3P
L1/L2 GPS GLONASS ACTIVE ANTENNA
REV 2
M1227HCT-TNC-G MAXTENA-M1227HCT-TNC-G Datasheet
687Kb / 3P
L1/L2 GPS GLONASS ACTIVE ANTENNA
REV A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com