Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EV-101 Datasheet (PDF) - Advanced Analogic Technologies

EV-101 Datasheet PDF - Advanced Analogic Technologies
Part # EV-101
Download  EV-101 Download
File Size   116.44 Kbytes
Page   4 Pages
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies
Description Triple I/O Expander Load Switch with Serial Control

EV-101 Datasheet (PDF)

Go To PDF Page Download Datasheet
EV-101 Datasheet PDF - Advanced Analogic Technologies

Part # EV-101
Download  EV-101 Click to download

File Size   116.44 Kbytes
Page   4 Pages
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies
Description Triple I/O Expander Load Switch with Serial Control

EV-101 Datasheet (HTML) - Advanced Analogic Technologies


EV-101 Product details

Introduction
This document discusses the AAT4291 RGB EVAL evaluation board and the application of the AAT4291 as an RGB LED driver. Advanced RGB LED control is realized without having to use multiple discrete MOSFET switches controlled by multiple I/O pins from the system processor. Only one digital I/O pin is needed for complete, independent brightness control of each of the R, G, and B LEDs.

The AAT4291 SmartSwitch™ is a member of AnalogicTech’s Application Specific Power MOSFET™ (ASPM™) product family. The AAT4291 has three P-channel MOSFETs configured for use as a microprocessor I/O expander. Having independent drain outputs and a common input, the AAT4291 operates with an input voltage ranging from 1.8V to 5.5V, making it ideal for 2.5V, 3.3V, or 5V systems, as well as systems powered by lithium-ion/polymer batteries. Each switch features a fast 500ns turnon time. The switch states are controlled by the Simple Serial Control™ (S2Cwire™) serial digital interface. The quiescent supply current is very low, typically 5µA. In shutdown mode, the supply current is reduced to less than 1µA.




Similar Part No. - EV-101

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
EV-10/30-3 FESTO-EV-10/30-3 Datasheet
92Kb / 1P
Clamping module
12/7/22
logo
Evolt
EV-1000MAH-6.4V-LIFEPO4 EKTOR-EV-1000MAH-6.4V-LIFEPO4 Datasheet
1Mb / 2P
RAZOR SWING 24M
6 November 2020 _V3.1
More results


Similar Description - EV-101

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT4290 ANALOGICTECH-AAT4290 Datasheet
231Kb / 12P
I/O Expander Load Switches with Serial Control
logo
Advanced Analog Technol...
AAT4290 AAT-AAT4290 Datasheet
246Kb / 12P
I/O Expander Load Switches with Serial Control
2006.03.1.2
logo
Microchip Technology
MCP23008 MICROCHIP-MCP23008_07 Datasheet
839Kb / 44P
8-Bit I/O Expander with Serial Interface
2007
MCP23017 MICROCHIP-MCP23017 Datasheet
947Kb / 48P
16-Bit I/O Expander with Serial Interface
2007
logo
Advanced Analogic Techn...
AAT4290 ANALOGICTECH-AAT4290_06 Datasheet
246Kb / 12P
I/O Expander Load Switches with Serial Control
logo
SiGe Semiconductor, Inc...
AATIAN77 SIGE-AATIAN77 Datasheet
162Kb / 4P
I/O Expander Switch with Serial Control
AATIAN78 SIGE-AATIAN78 Datasheet
121Kb / 4P
Triple I/O Expander Load Switch with Serial Control
AATIAN80 SIGE-AATIAN80 Datasheet
146Kb / 4P
Five Channel Push/Pull I/O Expander with Serial Control
AATIAN82 SIGE-AATIAN82 Datasheet
138Kb / 4P
Six-Channel Push/Pull I/O Expander with Serial Control
logo
Microchip Technology
MCP23017 MICROCHIP-MCP23017_16 Datasheet
879Kb / 42P
16-Bit I/O Expander with Serial Interface
06/23/16
More results




About Advanced Analogic Technologies


Advanced Analogic Technologies (AnalogicTech) is a semiconductor company that specializes in the design, development and manufacture of power manageAdvanced Analogic Technologies (AnalogicTech) is a semiconductor company that specializes in the design, development and manufacture of power management and high-performance analog integrated circuits (ICs).
The company's products are used in a wide range of applications including mobile devices, laptops, digital cameras, and other portable electronic devices.
AnalogicTech's portfolio includes DC-DC converters, LED drivers, battery management ICs, and other power management solutions. The company was acquired by Texas Instruments in 2013.ment and high-performance analog integrated circuits (ICs). The company's products are used in a wide range of applications including mobile devices, laptops, digital cameras, and other portable electronic devices. AnalogicTech's portfolio includes DC-DC converters, LED drivers, battery management ICs, and other power management solutions. The company was acquired by Texas Instruments in 2013.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com