Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

12G2.5L Datasheet (PDF) - Belden Inc.

12G2.5L Datasheet PDF - Belden Inc.
Part # 12G2.5L
Download  12G2.5L Download
File Size   158.67 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description MachFlex™ 350HH, 11C1G 2.5 mm² Str BC, PP Ins, LSZH Jkt

12G2.5L Datasheet (PDF)

Go To PDF Page Download Datasheet
12G2.5L Datasheet PDF - Belden Inc.

Part # 12G2.5L
Download  12G2.5L Click to download

File Size   158.67 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description MachFlex™ 350HH, 11C1G 2.5 mm² Str BC, PP Ins, LSZH Jkt

12G2.5L Datasheet (HTML) - Belden Inc.


12G2.5L Product details

Product Description
MachFlex™ 350HH, 11 Conductor + 1 Ground 2.5 mm² Stranded Bare Copper, PP Insulation, LSZH Jacket




Similar Part No. - 12G2.5L

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
12G2.5CY BELDEN-12G2.5CY Datasheet
153Kb / 2P
MachFlex™ 350CY, 111G C 2.5mm² Str BC, PVC Ins, PVC Inner Jkt, TCBS,PVC Outer Jkt
03-27-2024
12G2.5CY-010100M BELDEN-12G2.5CY-010100M Datasheet
153Kb / 2P
MachFlex™ 350CY, 111G C 2.5mm² Str BC, PVC Ins, PVC Inner Jkt, TCBS,PVC Outer Jkt
03-27-2024
12G2.5CY-010200M BELDEN-12G2.5CY-010200M Datasheet
153Kb / 2P
MachFlex™ 350CY, 111G C 2.5mm² Str BC, PVC Ins, PVC Inner Jkt, TCBS,PVC Outer Jkt
03-27-2024
12G2.5CY-010300M BELDEN-12G2.5CY-010300M Datasheet
153Kb / 2P
MachFlex™ 350CY, 111G C 2.5mm² Str BC, PVC Ins, PVC Inner Jkt, TCBS,PVC Outer Jkt
03-27-2024
12G2.5CY-368100M BELDEN-12G2.5CY-368100M Datasheet
153Kb / 2P
MachFlex™ 350CY, 111G C 2.5mm² Str BC, PVC Ins, PVC Inner Jkt, TCBS,PVC Outer Jkt
03-27-2024
More results


Similar Description - 12G2.5L

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
7200A BELDEN-7200A Datasheet
236Kb / 3P
MachFlex?? 1 Pr #24 Str BC, PO Ins, OSTC Brd, PVC Jkt, CM
7201A BELDEN-7201A Datasheet
238Kb / 3P
MachFlex?? 2 Pr #24 Str BC, PO Ins, OSTC Brd, PVC Jkt, CM
7202A BELDEN-7202A Datasheet
241Kb / 3P
MachFlex?? 3 Pr #24 Str BC, PO Ins, OSTC Brd, PVC Jkt, CM
7203A BELDEN-7203A Datasheet
248Kb / 3P
MachFlex?? 4 Pr #24 Str BC, PO Ins, OSTC Brd, PVC Jkt, CM
50007TSF BELDEN-50007TSF Datasheet
185Kb / 2P
MarineTuff Cat7 S/FTP, 4 Pr #23 Str BC, FMPE Ins, LSZH Jkt
2022 Belden, Inc
77905ELV BELDEN-77905ELV Datasheet
146Kb / 2P
KNX, 1PR 0.8mm Sol BC, LSZH ins, OS, LSZH Jkt, B2ca
03-14-2023
8471NH BELDEN-8471NH Datasheet
151Kb / 2P
Electronic, 2 C #16 Str TC, LSZH Ins, LSZH Jkt
03-04-2023
9740ZH BELDEN-9740ZH Datasheet
141Kb / 2P
Electronic, 2 C #18 Str TC, PP Ins, LSZH Jkt, CMG
05-05-2023
50441148U BELDEN-50441148U Datasheet
148Kb / 2P
Speaker Cable, 4C 4mm² Str BC, LSZH Jkt
11-09-2022
50441149U BELDEN-50441149U Datasheet
148Kb / 2P
Speaker Cable, 4C 6mm² Str BC, LSZH Jkt
09-29-2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com