Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4C0.5YY Datasheet (PDF) - Belden Inc.

4C0.5YY Datasheet PDF - Belden Inc.
Part # 4C0.5YY
Download  4C0.5YY Download
File Size   155.86 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description MachFlex™ LiYY, 4 C 0.5mm² Str BC, PVC Ins, PVC Jkt

4C0.5YY Datasheet (PDF)

Go To PDF Page Download Datasheet
4C0.5YY Datasheet PDF - Belden Inc.

Part # 4C0.5YY
Download  4C0.5YY Click to download

File Size   155.86 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description MachFlex™ LiYY, 4 C 0.5mm² Str BC, PVC Ins, PVC Jkt

4C0.5YY Datasheet (HTML) - Belden Inc.


4C0.5YY Product details

Product Description
MachFlex™ LiYY PVC Control & Signal Cables, 4 Conductor 0.5mm² Stranded Bare Copper, PVC Insulation, PVC Jacket




Similar Part No. - 4C0.5YY

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
4C0.5YCY BELDEN-4C0.5YCY Datasheet
151Kb / 2P
MachFlex™ LiYCY, 4 C 0.5 mm² Str BC, PVC Ins, TCBS, PVC Jkt
11-15-2023
4C0.5YCY-006100M BELDEN-4C0.5YCY-006100M Datasheet
151Kb / 2P
MachFlex™ LiYCY, 4 C 0.5 mm² Str BC, PVC Ins, TCBS, PVC Jkt
11-15-2023
4C0.5YCY-006200M BELDEN-4C0.5YCY-006200M Datasheet
151Kb / 2P
MachFlex™ LiYCY, 4 C 0.5 mm² Str BC, PVC Ins, TCBS, PVC Jkt
11-15-2023
4C0.5YCY-006300M BELDEN-4C0.5YCY-006300M Datasheet
151Kb / 2P
MachFlex™ LiYCY, 4 C 0.5 mm² Str BC, PVC Ins, TCBS, PVC Jkt
11-15-2023
4C0.5YCY-010100M BELDEN-4C0.5YCY-010100M Datasheet
151Kb / 2P
MachFlex™ LiYCY, 4 C 0.5 mm² Str BC, PVC Ins, TCBS, PVC Jkt
11-15-2023
More results


Similar Description - 4C0.5YY

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
7203A BELDEN-7203A Datasheet
248Kb / 3P
MachFlex?? 4 Pr #24 Str BC, PO Ins, OSTC Brd, PVC Jkt, CM
8678 BELDEN-8678 Datasheet
153Kb / 2P
Electronic, 2 C #10 Str BC, PVC Ins, PVC Jkt
05-05-2023
8444 BELDEN-8444 Datasheet
204Kb / 2P
Electronic, 4 C #22 Str TC, PVC Ins, PVC Jkt, CMG
01-20-2023
9444 BELDEN-9444 Datasheet
183Kb / 2P
Electronic, 4 C #20 Str TC, PVC Ins, PVC Jkt, CMG
01-20-2023
8489 BELDEN-8489 Datasheet
189Kb / 2P
Electronic, 4 C #18 Str TC, PVC Ins, PVC Jkt, CMG
04-14-2023
8484 BELDEN-8484 Datasheet
144Kb / 2P
Electronic, 4 C #20 Str BC, PVC Ins, PVC Jkt
05-05-2023
8627 BELDEN-8627 Datasheet
190Kb / 2P
Electronic, 4 C #14 Str TC, PVC Ins, PVC Jkt
01-20-2023
8620 BELDEN-8620 Datasheet
160Kb / 2P
Electronic, 4 C #16 Str TC, PVC Ins, PVC Jkt
01-20-2023
19140 BELDEN-19140 Datasheet
143Kb / 2P
Portable Cordage, 2 C #18 Str BC, PVC Ins, PVC Jkt, UL Type SVT
05-05-2023
19362 BELDEN-19362 Datasheet
142Kb / 2P
Portable Cordage, 3 C #18 Str BC, PVC Ins, PVC Jkt, UL Type SJT
01-20-2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com