Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS2100MIP Datasheet (PDF) - Telit loT Solutions

GS2100MIP Datasheet PDF - Telit loT Solutions
Part # GS2100MIP
Download  GS2100MIP Download
File Size   191.36 Kbytes
Page   2 Pages
Manufacturer  TELIT [Telit loT Solutions]
Direct Link  https://www.telit.com/
Logo TELIT - Telit loT Solutions
Description GS2100M Low Power, High Speed 802.11b/g/n module Smart Energy, Cost Optimized

GS2100MIP Datasheet (PDF)

Go To PDF Page Download Datasheet
GS2100MIP Datasheet PDF - Telit loT Solutions

Part # GS2100MIP
Download  GS2100MIP Click to download

File Size   191.36 Kbytes
Page   2 Pages
Manufacturer  TELIT [Telit loT Solutions]
Direct Link  https://www.telit.com/
Logo TELIT - Telit loT Solutions
Description GS2100M Low Power, High Speed 802.11b/g/n module Smart Energy, Cost Optimized

GS2100MIP Datasheet (HTML) - Telit loT Solutions


GS2100MIP Product details

FEATURES:
SEP 2.0 Smart Energy Device Types:
o Smart Thermostat
o Load Control
3 16-bit Sigma-Delta ADCs for sensors and measurement
IEEE 802.11 b/g/n connectivity with PHY rates up to 72 Mbps
Limited AP, Wi-Fi Direct with concurrent mode, WPS 2.0
UART, SPI, SDIO interface to microcontroller
Throughput (typical): 40 Mbps on SDIO, 30 Mbps on SPI (master),12 Mbps on SPI (slave) , and 1 Mbps on UART
Extensive networking stack and services
Security: 802.11i, WPA/2–Personal and Enterprise, legacy WEP, TLS




Similar Part No. - GS2100MIP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GS2100EMI ETC1-GS2100EMI Datasheet
70Kb / 2P
GORE-SHIELD짰 GS2100 EMI Gasket is a conductive, adhesive backed, EMI gasketing material that is moderately soft and is approved for spacefl ight and military applications.
More results


Similar Description - GS2100MIP

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LBWA1ZZVK7-539 MURATA-LBWA1ZZVK7-539 Datasheet
612Kb / 26P
802.11b/g module
logo
Murata Power Solutions ...
SN3020 MURATA-PS-SN3020 Datasheet
486Kb / 26P
Smart Energy Module
logo
TriQuint Semiconductor
TQM679002A TRIQUINT-TQM679002A Datasheet
75Kb / 1P
802.11b/g/n WLAN/BT Front-End Module
TQP6M9002 TRIQUINT-TQP6M9002 Datasheet
58Kb / 1P
802.11b/g/n WLAN/BT Front-End Module
TQP6M9017 TRIQUINT-TQP6M9017 Datasheet
298Kb / 1P
802.11b/g/n WLAN/BT High Performance Front-End Module
TQF9046 TRIQUINT-TQF9046_15 Datasheet
249Kb / 1P
802.11b/g/n BT WLAN Front End Module
logo
Microchip Technology
RN1810 MICROCHIP-RN1810 Datasheet
1Mb / 36P
2.4 GHz IEEE 802.11b/g/n Wireless Module
07/14/15
RN1810 MICROCHIP-RN1810_17 Datasheet
1Mb / 34P
2.4 GHz IEEE 802.11b/g/n Wireless Module
11/07/16
logo
List of Unclassifed Man...
GS2200MIZ ETC-GS2200MIZ Datasheet
123Kb / 2P
802.11b/g/n Mini-Module Ultra-Low Power, Ultra-Compact
logo
silex technology americ...
SX-SDMGN SILEX-SX-SDMGN Datasheet
1,011Kb / 2P
802.11b/g/n SDIO Module
REV D. 20192903
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com