Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MXT4 Datasheet (PDF) - MERITEK ELECTRONICS CORPORATION

MXT4 Datasheet PDF - MERITEK ELECTRONICS CORPORATION
Part # MXT4
Download  MXT4 Download
File Size   444.76 Kbytes
Page   3 Pages
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION
Description 32.768 Crystal Unit 2.0 x 1.2mm KHz Tuning Fork

MXT4 Datasheet (PDF)

Go To PDF Page Download Datasheet
MXT4 Datasheet PDF - MERITEK ELECTRONICS CORPORATION

Part # MXT4
Download  MXT4 Click to download

File Size   444.76 Kbytes
Page   3 Pages
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION
Description 32.768 Crystal Unit 2.0 x 1.2mm KHz Tuning Fork

MXT4 Datasheet (HTML) - MERITEK ELECTRONICS CORPORATION


MXT4 Product details

FEATURE
• Ultra Small Industrial Package
• Surface Mount Low Profile
• Seam Sealed Ceramic Package
• Applications: Measuring Instruments, Clock Source, Communications, A/V Equipment, Bluetooth




Similar Part No. - MXT4

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MXT429C/D MAXIM-MXT429C/D Datasheet
236Kb / 6P
High-Speed, 6A Single MOSFET Drivers
Rev 0; 11/92
MXT429CPA MAXIM-MXT429CPA Datasheet
236Kb / 6P
High-Speed, 6A Single MOSFET Drivers
Rev 0; 11/92
MXT429CSA MAXIM-MXT429CSA Datasheet
236Kb / 6P
High-Speed, 6A Single MOSFET Drivers
Rev 0; 11/92
MXT429EPA MAXIM-MXT429EPA Datasheet
236Kb / 6P
High-Speed, 6A Single MOSFET Drivers
Rev 0; 11/92
MXT429ESA MAXIM-MXT429ESA Datasheet
236Kb / 6P
High-Speed, 6A Single MOSFET Drivers
Rev 0; 11/92
More results


Similar Description - MXT4

ManufacturerPart #DatasheetDescription
logo
MICORO CRYSTAL SWITZERL...
CC7V-T1A MICROCRYSTAL-CC7V-T1A Datasheet
124Kb / 2P
Tuning Fork Crystal 32.768 kHz
CM7V-T1A0.4 MICROCRYSTAL-CM7V-T1A0.4 Datasheet
191Kb / 2P
Tuning Fork Crystal 32.768 kHz
CM7V-T1A_0.3 MICROCRYSTAL-CM7V-T1A_0.3 Datasheet
115Kb / 2P
Tuning Fork Crystal 32.768 kHz
CC8V-T1A MICROCRYSTAL-CC8V-T1A Datasheet
97Kb / 2P
Tuning Fork Crystal 32.768 kHz
CC8V-T1A MICROCRYSTAL-CC8V-T1A_17 Datasheet
1,004Kb / 2P
Tuning Fork Crystal 32.768 kHz
CM7V-T1A MICROCRYSTAL-CM7V-T1A_16 Datasheet
255Kb / 2P
Tuning Fork Crystal 32.768 kHz
CM7V-T1ALOWESR MICROCRYSTAL-CM7V-T1ALOWESR_16 Datasheet
257Kb / 2P
Tuning Fork Crystal 32.768 kHz
CM8V-T1A0.3 MICROCRYSTAL-CM8V-T1A0.3_17 Datasheet
808Kb / 2P
Tuning Fork Crystal 32.768 kHz
CM9V-T1A MICROCRYSTAL-CM9V-T1A_16 Datasheet
286Kb / 2P
Tuning Fork Crystal 32.768 kHz
CM8V-T1A MICROCRYSTAL-CM8V-T1A_18 Datasheet
811Kb / 2P
Tuning Fork Crystal 32.768 kHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com