Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA11 Datasheet (PDF) - Honeywell Solid State Electronics Center

MA11 Datasheet PDF - Honeywell Solid State Electronics Center
Part # MA11
Download  MA11 Download
File Size   256.39 Kbytes
Page   3 Pages
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center
Description Accelerometer

MA11 Datasheet (PDF)

Go To PDF Page Download Datasheet
MA11 Datasheet PDF - Honeywell Solid State Electronics Center

Part # MA11
Download  MA11 Click to download

File Size   256.39 Kbytes
Page   3 Pages
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center
Description Accelerometer

MA11 Datasheet (HTML) - Honeywell Solid State Electronics Center


MA11 Product details

DESCRIPTION
The Model MA11 amplified piezoelectric accelerometers are designed to be used in Industrial test and automation environments; including laboratory testing, modal studies and
test cells. The seismic element is mechanically isolated from the mounting base, resulting in a low base strain sensitivity. The stainless steel materials are non-magnetic resulting in very low
magnetic field susceptibility. These features, together with a sealed body, assure accurate and reliable data.
The Model MA11 is available in a number of configurations and options that includes connector or integral stainless steel armored cable (specify length at time of ordering), or a submersible format. The Model MA11 can be supplied in a number of different dynamic ranges to suit the expected vibration levels for the application.

FEATURES
• General purpose
• 2 Hz to 10 kHz usable frequency range
• IEPE output
• mV/G output
• Intrinsically safe option
• Multiple termination options




Similar Part No. - MA11

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MA1100-1 MITSUBISHI-MA1100-1 Datasheet
23Kb / 1P
For DCS1800 - 30W Power Amplifier
logo
Panasonic Semiconductor
MA1100-M PANASONIC-MA1100-M Datasheet
67Kb / 11P
Vertical Driver LSI for Video Camera CCD Area Image Sensor
MA111 PANASONIC-MA111 Datasheet
46Kb / 2P
Switching Diodes
logo
Taoglas antenna solutio...
MA111.C.LB.001 TAOGLAS-MA111.C.LB.001 Datasheet
2Mb / 15P
UV and vandal resistant ABS housing and thread
MA111.C.LB.001 TAOGLAS-MA111.C.LB.001 Datasheet
1Mb / 16P
MA.111 ULTIMA SERIES
More results


Similar Description - MA11

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMA1201P MOTOROLA-MMA1201P Datasheet
267Kb / 8P
MICROMACHINED ACCELEROMETER
logo
VTI technologies
SCA610 VTI-SCA610 Datasheet
169Kb / 2P
Accelerometer/Inclinometer
SCA620 VTI-SCA620 Datasheet
160Kb / 2P
Accelerometer
SCA1000 VTI-SCA1000 Datasheet
387Kb / 3P
Accelerometer
logo
List of Unclassifed Man...
1017A ETC2-1017A Datasheet
52Kb / 2P
PIEZOELECTRIC ACCELEROMETER
KX022-1020 ETC2-KX022-1020 Datasheet
2Mb / 75P
Accelerometer Specifications
KXCJK-1013 ETC2-KXCJK-1013 Datasheet
1,007Kb / 31P
Accelerometer Specifications
MC3256 ETC2-MC3256 Datasheet
1Mb / 46P
Axis Accelerometer
MC3410 ETC2-MC3410 Datasheet
1Mb / 75P
Axis Accelerometer
MC3413 ETC2-MC3413 Datasheet
1Mb / 47P
Axis Accelerometer
More results




About Honeywell Solid State Electronics Center


Honeywell Solid State Electronics Center (SSEC) was a research and development facility of Honeywell Inc. that operated from 1957 to 1993 in Minneapolis, Minnesota, United States. The center was dedicated to the research, development, and production of solid-state electronics, including microelectronics, semiconductors, and related technologies.

During its operation, SSEC made significant contributions to the advancement of the semiconductor industry, particularly in the areas of integrated circuits, transistor design, and fabrication processes. Notable accomplishments of SSEC include the development of the first silicon transistor, the first commercial silicon planar transistor, and the first integrated circuit to use metal oxide semiconductor (MOS) technology.

In 1993, Honeywell closed the SSEC facility as part of a broader restructuring of its operations. The company's semiconductor business was subsequently sold to SGS-Thomson (now STMicroelectronics) in 1999.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com