Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3245.1 Datasheet (PDF) - PCTEL, Inc.

3245.1 Datasheet PDF - PCTEL, Inc.
Part # 3245.1
Download  3245.1 Download
File Size   253.72 Kbytes
Page   4 Pages
Manufacturer  PCTEL [PCTEL, Inc.]
Direct Link  https://www.pctel.com/
Logo PCTEL - PCTEL, Inc.
Description Smarteq™ Multiband Antenna Rod for 890-960MHz and 1710-2170MHz

3245.1 Datasheet (PDF)

Go To PDF Page Download Datasheet
3245.1 Datasheet PDF - PCTEL, Inc.

Part # 3245.1
Download  3245.1 Click to download

File Size   253.72 Kbytes
Page   4 Pages
Manufacturer  PCTEL [PCTEL, Inc.]
Direct Link  https://www.pctel.com/
Logo PCTEL - PCTEL, Inc.
Description Smarteq™ Multiband Antenna Rod for 890-960MHz and 1710-2170MHz

3245.1 Datasheet (HTML) - PCTEL, Inc.


3245.1 Product details

Description
High quality, multiband quarter wave antenna rod with compact design.

Features
Type: Quarter
Gain: 2dBi
Impedance: 50Ω
Polarization: Vertical
Frequencies: 890-960MHz and
1710-2170MHz
VSWR: ≤ 2:1




Similar Part No. - 3245.1

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
3245 ASM-SENSOR-3245 Datasheet
1Mb / 2P
SOLAR HiTESTER
logo
KR Electronics, Inc.
3245 KR-3245 Datasheet
150Kb / 3P
300 MHz Bandpass
logo
3M Electronics
3245 3M-3245 Datasheet
4Mb / 12P
3M™ EMI/EMC Electronic Materials
logo
Heyco.
3245 HEYCO-3245 Datasheet
233Kb / 1P
Heyco® Original Series-35 Liquid Tight Cordgrips
logo
Littelfuse
324500 LITTELFUSE-324500 Datasheet
64Kb / 1P
Axial Lead and Cartridge Fuses
More results


Similar Description - 3245.1

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE51089 PASTERNACK-PE51089 Datasheet
299Kb / 1P
Mag Mount Antenna 890-960 & 1710-1880 MHz 3.0 dBi
logo
List of Unclassifed Man...
MA413.A.B.002 ETC2-MA413.A.B.002 Datasheet
3Mb / 35P
LTE 698 to 960MHz/1710 to 2170MHz
logo
Pulse A Technitrol Comp...
W3915 PULSE-W3915 Datasheet
1Mb / 12P
3G 880-960/1710-2170MHz GNSS Antenna
logo
Taoglas antenna solutio...
OMB691203F21 TAOGLAS-OMB691203F21 Datasheet
1Mb / 20P
4G 698-960Mhz and 1710-2700MHz 4.5 dBi Omnidirectional Outdoor Antenna
logo
Raltron Electronics Cor...
RST-MB-P-157-SMA-G RALTRON-RST-MB-P-157-SMA-G Datasheet
174Kb / 2P
MULTIBAND ANTENNA
logo
Taoglas antenna solutio...
OMB.6912.03F21 TAOGLAS-OMB.6912.03F21_18 Datasheet
1Mb / 22P
4G 698-960Mhz and 1710-2700MHz 4.5 dBi Omnidirectional Outdoor Antenna
logo
WALSIN TECHNOLOGY CORPO...
RFDIP2520080T1T WALSIN-RFDIP2520080T1T Datasheet
651Kb / 8P
1710~2170MHz/2300~2690MHz Working Frequency
RFDIP2520100G08Q1C WALSIN-RFDIP2520100G08Q1C Datasheet
378Kb / 3P
698~960MHz / 1710~2690MHz Band Application
logo
Pulse A Technitrol Comp...
W1903 PULSE-W1903 Datasheet
1Mb / 14P
824-960/1710-2170MHz Right Angle Stick Antenna
W3538XXXXX PULSE-W3538XXXXX Datasheet
1Mb / 19P
824-960/1710-2170MHz 2G/3G Pentaband PCB antenna with coax feed
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com