Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV7802 Datasheet (PDF) - Supertex, Inc

HV7802 Datasheet PDF - Supertex, Inc
Part # HV7802
Download  HV7802 Download
File Size   511.41 Kbytes
Page   5 Pages
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc
Description High Side Current Monitor 8V to 450V, Confi gurable Output

HV7802 Datasheet (PDF)

Go To PDF Page Download Datasheet
HV7802 Datasheet PDF - Supertex, Inc

Part # HV7802
Download  HV7802 Click to download

File Size   511.41 Kbytes
Page   5 Pages
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc
Description High Side Current Monitor 8V to 450V, Confi gurable Output

HV7802 Datasheet (HTML) - Supertex, Inc


HV7802 Product details

General Description
The HV7802 high side current monitor IC contains a transconductance amplifier which translates a high side current measurement voltage into an output current with resistor programmable transconductance gain. An optional second resistor transforms this output current into an output voltage with an overall voltage gain set by the ratio of the two resistors.

Features
► Supply voltage 8V to 450V
► Configurable as a current or voltage output device
► Maximum sense amplifier offset of 15mV
► Max VSENSE of 500mV
► Fast rise and fall time, from 700ns to 2.0µs
► Maximum quiescent current of 50µA

Applications
► SMPS current monitor
► Battery current monitor
► Motor control




Similar Part No. - HV7802

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV7802MG-G SUTEX-HV7802MG-G Datasheet
536Kb / 5P
High Side Current Monitor 8V to 450V Configurable Output
HV7802 SUTEX-HV7802_13 Datasheet
536Kb / 5P
High Side Current Monitor 8V to 450V Configurable Output
More results


Similar Description - HV7802

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2931 LINER-LTC2931 Datasheet
279Kb / 16P
Confi gurable Six Supply Monitor with Adjustable Reset and Watchdog Timers
LTC3208 LINER-LTC3208 Datasheet
340Kb / 24P
High Current Software Confi gurable Multidisplay LED Controller
LTC3675 LINER-LTC3675 Datasheet
419Kb / 36P
7-Channel Confi gurable High Power PMIC
LTC3675 LINER-LTC3675_12 Datasheet
427Kb / 38P
7-Channel Confi gurable High Power PMIC
LTC2930 LINER-LTC2930_15 Datasheet
169Kb / 12P
Confi gurable Six Supply Monitor with Adjustable Reset Timer, Manual Reset
LTC3208 LINER-LTC3208_15 Datasheet
346Kb / 24P
High Current Software Confi gurable Multidisplay LED Controller
logo
IK Semicon Co., Ltd
IL9910-A IKSEMICON-IL9910-A Datasheet
638Kb / 11P
8V to 450V input range
logo
Supertex, Inc
HV7802 SUTEX-HV7802_13 Datasheet
536Kb / 5P
High Side Current Monitor 8V to 450V Configurable Output
HV7801 SUTEX-HV7801_13 Datasheet
545Kb / 5P
High Side Current Monitor 8.0 to 450V Voltage Gain of 5
HV7800 SUTEX-HV7800_13 Datasheet
661Kb / 7P
High Side Current Monitor 8.0 to 450V Voltage Gain of 1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com