Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WT272C Datasheet (PDF) - List of Unclassifed Manufacturers

WT272C Datasheet PDF - List of Unclassifed Manufacturers
Part # WT272C
Download  WT272C Download
File Size   95.87 Kbytes
Page   4 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description Dual/Quad Low Power CMOS OP Amplifiers

WT272C Datasheet (PDF)

Go To PDF Page Download Datasheet
WT272C Datasheet PDF - List of Unclassifed Manufacturers

Part # WT272C
Download  WT272C Click to download

File Size   95.87 Kbytes
Page   4 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description Dual/Quad Low Power CMOS OP Amplifiers

WT272C Datasheet (HTML) - List of Unclassifed Manufacturers


WT272C Product details

[Weltrend Semiconductor, Inc.]

DESCRIPTION
The WT272C/WT274C is a dual/quad low power CMOS operational amplifiers IC. It provides high performance operation at low supply voltages. The basic amplifier can operate at supply voltage as low as 1.2V with very low power consumption and makes it perfect for battery-powered application. The input common-mode voltage extends to the negative rail. The output swings to both rails with light load. The input bias current is inherently low and the input impedance is extremely high. The devices are ideal upgrades for industrial standards OP amp.

FEATURES
• Low Power Replacement for Standard OP Amps
• Wide supply operating range (1.2V to 7V)
• Input common-mode voltage range includes negative rail
• Output swing to rail
• Low input bias current (typical 1pA)
• High input impedance
• Single supply operation
• Internal compensated
• Output short circuit protection

APPLICATIONS
• Portable Instruments
• Battery-Powered Systems
• Transducer Interfacing
• Active Filter
• High Impedance Buffer




Similar Part No. - WT272C

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
WT200 XPPOWER-WT200 Datasheet
82Kb / 2P
DC-DC Power Supplies
logo
List of Unclassifed Man...
WT2000 ETC2-WT2000 Datasheet
49Kb / 1P
TOOLING FOR PRE-INSULATED AND COPPER TUBE TERMINALS
logo
XP Power Limited
WT201 XPPOWER-WT201 Datasheet
82Kb / 2P
DC-DC Power Supplies
WT202 XPPOWER-WT202 Datasheet
82Kb / 2P
DC-DC Power Supplies
logo
TDK Electronics
WT202012-15F2-ID TDK-WT202012-15F2-ID Datasheet
145Kb / 1P
Tx Coil Units and Modules
More results


Similar Description - WT272C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS27M4C STMICROELECTRONICS-TS27M4C Datasheet
124Kb / 9P
PRECISION LOW POWER CMOS QUAD OPERATIONAL AMPLIFIERS
2001-Nov
logo
Intersil Corporation
ICL7621 INTERSIL-ICL7621_01 Datasheet
163Kb / 7P
Dual, Low Power CMOS Operational Amplifiers
May 2001
logo
ADDtek Corp
AMC2244 ADDTEK-AMC2244 Datasheet
425Kb / 11P
DUAL/Triple/QUAD LOW-POWER 60MHz UNITY-GAIN STABLE OP AMPLIFIERS
JUNE 2006
logo
Intersil Corporation
ICL7621 INTERSIL-ICL7621 Datasheet
394Kb / 9P
Dual, Low Power CMOS Operational Amplifiers
March 4, 2010
logo
Texas Instruments
OPA2377 TI1-OPA2377 Datasheet
1Mb / 26P
5MHz, Low-Noise, Single, Dual, Quad CMOS Operational Amplifiers
logo
STMicroelectronics
TS27M2 STMICROELECTRONICS-TS27M2 Datasheet
205Kb / 14P
Low-power CMOS dual operational amplifiers
18-Aug-2009
TS27L4CDT STMICROELECTRONICS-TS27L4CDT Datasheet
217Kb / 15P
Very low power precision CMOS quad operational amplifiers
02-Mar-2009
logo
Texas Instruments
OPA4377 TI-OPA4377 Datasheet
1Mb / 27P
5MHz, Low-Noise,Single, Dual, Quad CMOS Operational Amplifiers
OPA377 TI1-OPA377_15 Datasheet
1Mb / 27P
5MHz, Low-Noise, Single, Dual, Quad CMOS Operational Amplifiers
logo
Renesas Technology Corp
ICL7621 RENESAS-ICL7621 Datasheet
450Kb / 9P
Dual, Low Power CMOS Operational Amplifiers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com