Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACY7 Datasheet (PDF) - PCTEL, Inc.

ACY7 Datasheet PDF - PCTEL, Inc.
Part # ACY7
Download  ACY7 Download
File Size   465.24 Kbytes
Page   4 Pages
Manufacturer  PCTEL [PCTEL, Inc.]
Direct Link  https://www.pctel.com/
Logo PCTEL - PCTEL, Inc.
Description Smarteq™ Yagi 7-Element High Gain Antenna

ACY7 Datasheet (PDF)

Go To PDF Page Download Datasheet
ACY7 Datasheet PDF - PCTEL, Inc.

Part # ACY7
Download  ACY7 Click to download

File Size   465.24 Kbytes
Page   4 Pages
Manufacturer  PCTEL [PCTEL, Inc.]
Direct Link  https://www.pctel.com/
Logo PCTEL - PCTEL, Inc.
Description Smarteq™ Yagi 7-Element High Gain Antenna

ACY7 Datasheet (HTML) - PCTEL, Inc.


ACY7 Product details

Description
A high gain directional
antenna with 7 elements
for secure and long range
connectivity.

Features
Directional high gain antenna
Frequency: 380-470MHz
Gain:10dBi
Pole mounted
DC-grounded




Similar Part No. - ACY7

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
ACY04-F99-2I-V15 PF-ACY04-F99-2I-V15 Datasheet
1Mb / 5P
Acceleration sensor
logo
List of Unclassifed Man...
ACY11 ETC1-ACY11 Datasheet
566Kb / 4P
GERMANIUM SMALL SIGNAL TRANSISTORS
ACY14 ETC1-ACY14 Datasheet
566Kb / 4P
GERMANIUM SMALL SIGNAL TRANSISTORS
logo
PCTEL, Inc.
ACY15 PCTEL-ACY15 Datasheet
418Kb / 4P
Smarteq™ Yagi 15-Element High Gain Antenna
December 2023
logo
List of Unclassifed Man...
ACY17 ETC1-ACY17 Datasheet
566Kb / 4P
GERMANIUM SMALL SIGNAL TRANSISTORS
More results


Similar Description - ACY7

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE51011 PASTERNACK-PE51011 Datasheet
57Kb / 1P
Yagi Antenna, 896 - 970 MHz, 9dB
PE51012 PASTERNACK-PE51012 Datasheet
55Kb / 1P
Yagi Antenna, 896 - 970 MHz, 11dB
logo
List of Unclassifed Man...
FG-WLY-AL06NF ETC2-FG-WLY-AL06NF Datasheet
286Kb / 2P
2.4 GHz YAGI grid antenna
FGYAGI05 ETC2-FGYAGI05 Datasheet
376Kb / 6P
2.4 GHz YAGI Pole Mount Grid Antenna
WLP4958124A02 ETC2-WLP4958124A02 Datasheet
1Mb / 11P
Embedded High Gain Antenna
logo
World Produts Inc.
WPANT30050-RA WPI-WPANT30050-RA Datasheet
97Kb / 2P
900 MHz Directional Yagi Antenna
logo
Level One
WAN-2218 LVL1-WAN-2218 Datasheet
251Kb / 3P
18dBi Directional Yagi Outdoor Antenna
logo
Laird Tech Smart Techno...
YA9W-11 LSTD-YA9W-11 Datasheet
1Mb / 2P
High gain directional antenna
YS4066 LSTD-YS4066 Datasheet
627Kb / 1P
Directional Yagi Antenna
logo
PHOENIX CONTACT
2901561 PHOENIX-2901561 Datasheet
50Kb / 2P
Antenna - RAD-ANT-GSM/UMTS-QB-YAGI-8
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com