Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9865 Datasheet (PDF) - Analog Devices

AD9865 Datasheet PDF - Analog Devices
Part # AD9865
Download  AD9865 Download
File Size   1678.45 Kbytes
Page   48 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Broadband Modem Mixed-Signal Front End

AD9865 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD9865 Datasheet PDF - Analog Devices

Part # AD9865
Download  AD9865 Click to download

File Size   1678.45 Kbytes
Page   48 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Broadband Modem Mixed-Signal Front End

AD9865 Datasheet (HTML) - Analog Devices


AD9865 Product details

GENERAL DESCRIPTION

The AD9865 is a mixed-signal front end (MxFE) IC for transceiver applications requiring Tx and Rx path functionality with data rates up to 80 MSPS. Its flexible digital interface, power saving modes, and high Tx-to-Rx isolation make it well suited for half- and full-duplex applications. The digital interface is extremely flexible allowing simple interfaces to digital back ends that support half- or full-duplex data transfers, thus

often allowing the AD9865 to replace discrete ADC and DAC solutions. Power saving modes include the ability to reduce power consumption of individual functional blocks, or to power down unused blocks in half-duplex applications.



FEATURES

Low cost 3.3 V CMOS MxFETM for broadband modems

10-bit D/A converter

  2×/4× interpolation filter

  200 MSPS DAC update rate

Integrated 23 dBm line driver with 19.5 dB gain control

10-bit, 80 MSPS A/D converter

−12 dB to +48 dB low noise RxPGA (< 3.0 nV/rtHz)

Third order, programmable low-pass filter

Flexible digital data path interface

  Half- and full-duplex operation

  Backward-compatible with AD9975 and AD9875

Various power-down/reduction modes

Internal clock multiplier (PLL)

2 auxiliary programmable clock outputs

Available in 64-lead chip scale package or bare die



APPLICATIONS

Powerline networking

VDSL and HPNA




Similar Part No. - AD9865

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9865 AD-AD9865 Datasheet
1Mb / 49P
Broadband Modem Mixed-Signal Front End
30-Jun-2017
AD9865BCPZ AD-AD9865BCPZ Datasheet
1Mb / 49P
Broadband Modem Mixed-Signal Front End
30-Jun-2017
AD9865BCPZRL AD-AD9865BCPZRL Datasheet
1Mb / 49P
Broadband Modem Mixed-Signal Front End
30-Jun-2017
AD9865 AD-AD9865_15 Datasheet
1Mb / 48P
Broadband Modem Mixed-Signal Front End
REV. A
AD9865 AD-AD9865_17 Datasheet
1Mb / 49P
Broadband Modem Mixed-Signal Front End
30-Jun-2017
More results


Similar Description - AD9865

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9875 AD-AD9875 Datasheet
288Kb / 24P
Broadband Modem Mixed-Signal Front End
REV.0
AD9975 AD-AD9975 Datasheet
1Mb / 20P
Broadband Modem Mixed-Signal Front End
REV.0
AD9876 AD-AD9876 Datasheet
666Kb / 24P
Broadband Modem Mixed-Signal Front End
10/02-Data Sheet changed from REV. 0 to REV. A.
AD9865 AD-AD9865_15 Datasheet
1Mb / 48P
Broadband Modem Mixed-Signal Front End
REV. A
AD9866 AD-AD9866_15 Datasheet
1Mb / 48P
Broadband Modem Mixed-Signal Front End
REV. B
AD9875 AD-AD9875_15 Datasheet
2Mb / 28P
Broadband Modem Mixed-Signal Front End
REV. A
AD9876 AD-AD9876_15 Datasheet
672Kb / 24P
Broadband Modem Mixed-Signal Front End
REV. A
AD9975 AD-AD9975_15 Datasheet
1Mb / 20P
Broadband Modem Mixed-Signal Front End
REV. 0
AD9868 AD-AD9868_17 Datasheet
606Kb / 37P
Broadband Modem Mixed-Signal Front End
23-Feb-2017
AD9869 AD-AD9869_17 Datasheet
561Kb / 37P
Broadband Modem Mixed-Signal Front End
23-Feb-2017
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com