Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA4EX900L-MOT Datasheet (PDF) - Tyco Electronics

MA4EX900L-MOT Datasheet PDF - Tyco Electronics
Part # MA4EX900L-MOT
Download  MA4EX900L-MOT Download
File Size   131.71 Kbytes
Page   2 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Silicon Double Balanced HMIC Mixer 700 - 1000 MHz

MA4EX900L-MOT Datasheet (PDF)

Go To PDF Page Download Datasheet
MA4EX900L-MOT Datasheet PDF - Tyco Electronics

Part # MA4EX900L-MOT
Download  MA4EX900L-MOT Click to download

File Size   131.71 Kbytes
Page   2 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Silicon Double Balanced HMIC Mixer 700 - 1000 MHz

MA4EX900L-MOT Datasheet (HTML) - Tyco Electronics




Similar Part No. - MA4EX900L-MOT

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA4EX900L-1226 MACOM-MA4EX900L-1226 Datasheet
117Kb / 4P
Silicon Double Balanced HMIC Mixer, 700 - 1000 MHz
MA4EX900L-1226T MACOM-MA4EX900L-1226T Datasheet
117Kb / 4P
Silicon Double Balanced HMIC Mixer, 700 - 1000 MHz
logo
M/A-COM Technology Solu...
MA4EX900L-1226T MA-COM-MA4EX900L-1226T Datasheet
68Kb / 3P
Silicon Double Balanced HMIC Mixer
More results


Similar Description - MA4EX900L-MOT

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
EMD40-900H MACOM-EMD40-900H Datasheet
229Kb / 2P
E-Series HMIC Double Balanced Mixer 700 - 1400 MHz
EMD40-900L MACOM-EMD40-900L Datasheet
270Kb / 2P
E-Series HMIC Double Balanced Mixer 700 - 1400 MHz
MA4EX950L-1225 MACOM-MA4EX950L-1225 Datasheet
71Kb / 3P
Low Cost Silicon Double Balanced HMIC Mixer, 700 - 1200 MHz
MA4EX900L-1226T MACOM-MA4EX900L-1226T Datasheet
117Kb / 4P
Silicon Double Balanced HMIC Mixer, 700 - 1000 MHz
MA4EX950L1-1225T MACOM-MA4EX950L1-1225T Datasheet
70Kb / 4P
Silicon Double Balanced HMIC Mixer 700-1200 MHz
logo
M/A-COM Technology Solu...
MAMX-000900-1061LT MA-COM-MAMX-000900-1061LT Datasheet
106Kb / 4P
Silicon Double Balanced HMIC Mixer 700-1400 MHz
MAMX-000950-1225MT MA-COM-MAMX-000950-1225MT Datasheet
71Kb / 4P
Silicon Doubled Balanced HMIC Mixer 700 - 2500 MHz
MA4EX950H1-1225T MA-COM-MA4EX950H1-1225T Datasheet
81Kb / 3P
Silicon Double Balanced HMIC Mixer 700 - 1200 MHz
MA4EX950H-1225T MA-COM-MA4EX950H-1225T Datasheet
72Kb / 2P
Silicon Double Balanced HMIC Mixer 700 - 1200 MHz
MA4EX950L1-1225T MA-COM-MA4EX950L1-1225T Datasheet
65Kb / 4P
Silicon Double Balanced HMIC Mixer 700 - 1200 MHz
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com