Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2X6SY Datasheet (PDF) - Belden Inc.

2X6SY Datasheet PDF - Belden Inc.
Part # 2X6SY
Download  2X6SY Download
File Size   160.48 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description MachFlex™ 350SY, 2C 6 mm² Str BC, PVC Ins, PVC Inner Jkt, GSW Brd,PVC Outer Jkt

2X6SY Datasheet (PDF)

Go To PDF Page Download Datasheet
2X6SY Datasheet PDF - Belden Inc.

Part # 2X6SY
Download  2X6SY Click to download

File Size   160.48 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description MachFlex™ 350SY, 2C 6 mm² Str BC, PVC Ins, PVC Inner Jkt, GSW Brd,PVC Outer Jkt

2X6SY Datasheet (HTML) - Belden Inc.


2X6SY Product details

Product Description
MachFlex™ 350SY VDE Certified, 2 Conductor 6 mm² Stranded Bare Copper, PVC Insulation, PVC Inner Jacket, Galvanized Steel Wire Braid, PVC Outer
Jacket Control Cable




Similar Part No. - 2X6SY

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
2X6SMD EUROQUARTZ-2X6SMD Datasheet
155Kb / 1P
Low cost SMD crystal for mass-market applications
logo
Transko Electronics, In...
2X6SMD TRANSKO-2X6SMD Datasheet
463Kb / 1P
SMD CYLINDRICAL CRYSTAL (2.0 x 6.3mm)
Rev.1: Jul. 2014
More results


Similar Description - 2X6SY

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
7200A BELDEN-7200A Datasheet
236Kb / 3P
MachFlex?? 1 Pr #24 Str BC, PO Ins, OSTC Brd, PVC Jkt, CM
7201A BELDEN-7201A Datasheet
238Kb / 3P
MachFlex?? 2 Pr #24 Str BC, PO Ins, OSTC Brd, PVC Jkt, CM
7202A BELDEN-7202A Datasheet
241Kb / 3P
MachFlex?? 3 Pr #24 Str BC, PO Ins, OSTC Brd, PVC Jkt, CM
7203A BELDEN-7203A Datasheet
248Kb / 3P
MachFlex?? 4 Pr #24 Str BC, PO Ins, OSTC Brd, PVC Jkt, CM
1349A BELDEN-1349A Datasheet
258Kb / 3P
CC Link, 5 C #1820 Str BC, PVCPO Ins, OSTC Brd, PVC Jkt, PVC Jkt, CM
8691 BELDEN-8691 Datasheet
199Kb / 2P
Electronic, 6 Pr #18 Str TC, PVC Ins, PVC Jkt, CMG
04-19-2023
9751 BELDEN-9751 Datasheet
158Kb / 2P
Electronic, 6 Pr #20 Str TC, PVC Ins, PVC Jkt, CMG
01-20-2023
8678 BELDEN-8678 Datasheet
153Kb / 2P
Electronic, 2 C #10 Str BC, PVC Ins, PVC Jkt
05-05-2023
9260 BELDEN-9260 Datasheet
208Kb / 2P
Electronic, 6 C #20 Str TC, PVC Ins, OA TC Brd, PVC Jkt, CMG
01-20-2023
8484 BELDEN-8484 Datasheet
144Kb / 2P
Electronic, 4 C #20 Str BC, PVC Ins, PVC Jkt
05-05-2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com