Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OCP8153 Datasheet (PDF) - Shanghai Orient-Chip Technology Co.,LTD.

OCP8153 Datasheet PDF - Shanghai Orient-Chip Technology Co.,LTD.
Part # OCP8153
Download  OCP8153 Download
File Size   337.0 Kbytes
Page   9 Pages
Manufacturer  ORIENT-CHIP [Shanghai Orient-Chip Technology Co.,LTD.]
Direct Link  https://www.orient-chip.com/
Logo ORIENT-CHIP - Shanghai Orient-Chip Technology Co.,LTD.
Description High precision original side feedback constant current converter

OCP8153 Datasheet (PDF)

Go To PDF Page Download Datasheet
OCP8153 Datasheet PDF - Shanghai Orient-Chip Technology Co.,LTD.

Part # OCP8153
Download  OCP8153 Click to download

File Size   337.0 Kbytes
Page   9 Pages
Manufacturer  ORIENT-CHIP [Shanghai Orient-Chip Technology Co.,LTD.]
Direct Link  https://www.orient-chip.com/
Logo ORIENT-CHIP - Shanghai Orient-Chip Technology Co.,LTD.
Description High precision original side feedback constant current converter

OCP8153 Datasheet (HTML) - Shanghai Orient-Chip Technology Co.,LTD.


OCP8153 Product details

verview
The OCP8153 is an integrated 650V MOSFET with high accuracy.
Wire-type LED constant current driver chip, can be applied to output power up to 10W
LED constant current drive power supply, support full voltage input AC85V~265V.
Chip support package form: DIP-8L, using the original feedback technology,
Excellent line voltage adjustment without TL431, optocoupling and feedback circuits
The integration rate and load adjustment rate greatly save the system cost and size space.
OCP8153 with perfect protection, using VCC foot-in
Overvoltage detection, once the overvoltage signal chip is detected, it enters the burp work
Status; the chip uses the FB pin to achieve short circuit detection, once a short circuit is found
The signal chip will then enter a lower operating frequency to limit the output power.
The chip also has LED open circuit protection, FB short circuit protection, undervoltage lock
Constant and over-temperature protection for the entire system in harsh working environments
Safe and reliable work

Feature
Integrated 650V power MOSFET
z Adopt primary side feedback technology, no secondary feedback circuit required
No loop compensation required
±3% constant current accuracy
Support AC85V~265V full voltage range input
LED open circuit protection and short circuit protection
FB Ground Short Circuit Protection
chip over temperature protection
Undervoltage Locking Function
CS foot resistance open circuit protection
Operating temperature range: TA=-40 ~ 85℃
DIP-8L Package

Application
LED Solar Light
E27, Par lamp, downlight
LED bulb, spotlight
Other LED lighting




Similar Part No. - OCP8153

ManufacturerPart #DatasheetDescription
logo
Shanghai Orient-Chip Te...
OCP8155 ORIENT-CHIP-OCP8155 Datasheet
265Kb / 8P
High Precision Primary-side Feedback Constant Current Converter
Ver 1.0 April. 01, 2013
OCP8155ND ORIENT-CHIP-OCP8155ND Datasheet
265Kb / 8P
High Precision Primary-side Feedback Constant Current Converter
Ver 1.0 April. 01, 2013
More results


Similar Description - OCP8153

ManufacturerPart #DatasheetDescription
logo
Shenzhen Tianyuan Semic...
TP8205 TPOWER-TP8205 Datasheet
584Kb / 6P
High precision double winding primary feedback LED constant current driver chip
TP8207 TPOWER-TP8207 Datasheet
584Kb / 6P
High precision double winding primary feedback LED constant current driver chip
TP8220 TPOWER-TP8220 Datasheet
569Kb / 6P
High precision primary feedback LED constant current driver chip
TP8301 TPOWER-TP8301 Datasheet
581Kb / 6P
High power factor primary side feedback LED constant current driver chip
logo
List of Unclassifed Man...
CR633X ETC-CR633X Datasheet
284Kb / 10P
Primary side control high precision constant current/constant voltage PWM power switch
V3.0
logo
Shanghai Orient-Chip Te...
OCP8155 ORIENT-CHIP-OCP8155 Datasheet
265Kb / 8P
High Precision Primary-side Feedback Constant Current Converter
Ver 1.0 April. 01, 2013
logo
CHIPLINK SEMICONDUCTOR
CL1221 CHIPLINK-CL1221 Datasheet
361Kb / 6P
Primary side control high precision constant current controller
2012-11-27
CL1226 CHIPLINK-CL1226 Datasheet
363Kb / 7P
Primary side control high precision constant current controller
2013-5-22
logo
Wuxi Chipown Micro-elec...
PN8359 CHIPOWN-PN8359 Datasheet
243Kb / 5P
High-precision CC/CV primary-side feedback AC-DC converter
Rev.A
logo
Suzhou Juyuan Microelec...
PL3536 PMICRO-PL3536 Datasheet
278Kb / 8P
High-precision constant voltage/constant current, primary side control
V1.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com