Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPD6803 Datasheet (PDF) - List of Unclassifed Manufacturers

LPD6803 Datasheet PDF - List of Unclassifed Manufacturers
Part # LPD6803
Download  LPD6803 Download
File Size   289.76 Kbytes
Page   13 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 3channel driver output, maxim current per channel is 45mA, LED light voltage can reach 12V.

LPD6803 Datasheet (PDF)

Go To PDF Page Download Datasheet
LPD6803 Datasheet PDF - List of Unclassifed Manufacturers

Part # LPD6803
Download  LPD6803 Click to download

File Size   289.76 Kbytes
Page   13 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 3channel driver output, maxim current per channel is 45mA, LED light voltage can reach 12V.

LPD6803 Datasheet (HTML) - List of Unclassifed Manufacturers


LPD6803 Product details

Description
LPD6803 is a 3 channel constant-current driver and grey-level modulate output , it uses advanced
high-voltage CMOS technology, provide 3-way, designed to meet the needs of driving function
in the LED lighting system, especially in the dissociation with mutual grey level in the full-colour
lighting system..
LPD6803 includes serial shift register and concatenation driver circuit, grey level data shift
into serial shift register in the clock, and transfer saving , it transfer to interface 3 after
pulse-width modulate ,then output, serial shift register and grey-level counter can be
controlled by different clock signal. In the meantime, LPD6803 driver data signal and
control signal , and output next circuit.

Features: Features: Features:
◇ 3channel driver output, maxim current per channel is 45mA, LED light voltage can
reach 12V.
◇ Output adopt In-Rush online feedback contant-current driver structure, compatible with
constant-voltage module, it also can contact outside equipment and transfer to higher voltage
or current output driver.
◇ Built-In LDO voltage-stabilizing circuit, voltage range is 3-8v, and have 5V stabilizing
voltage output.
◇ Adopt self-add token-ring technology dual shift line, shift clock can reah 24MHz.
◇ Directly input grey-level data, it is transfer to 256 output with reverse-gamma
regulator after inside SUPER-PWM technology, e.g, adopt built-in oscialator as greylevel clock, it support FREE-RUN module output, especially can be used in low-cost
controller.
◇ Data clock signal is drived strongly to next chip to enhance level after built-in phaselock circuit.
◇ High-voltage CMOS technology, industrial design, with extra-good interference
immunity
◇ With SOP16/QFN16 Pb-Free package, meet the requirement of Rohs , also can provide COB
package or DIE.




Similar Part No. - LPD6803

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
LPD60R2K0C6 INFINEON-LPD60R2K0C6 Datasheet
790Kb / 14P
600V CoolMOS??C6 Power Transistor
Rev. 2.2, 2020-05-20
lPD60R2KOC6 INFINEON-lPD60R2KOC6 Datasheet
944Kb / 14P
Metal Oxide Semiconductor Field Effect Transistor
Rev 2.1, 2015-11-12
logo
LIGITEK electronics co....
LPD62340-A-PF LIGITEK-LPD62340-A-PF Datasheet
145Kb / 4P
PHOTO DIODE SILICON PIN LED LAMPS
LPD62343-A-PF LIGITEK-LPD62343-A-PF Datasheet
165Kb / 4P
PHOTO DIODE SILICON PIN LED LAMPS
logo
Coilcraft lnc.
LPD6235 COILCRAFT-LPD6235 Datasheet
453Kb / 3P
Coupled Inductors
More results


Similar Description - LPD6803

ManufacturerPart #DatasheetDescription
logo
Rohm
BA7666FS ROHM-BA7666FS Datasheet
32Kb / 3P
3channel 75 OHM driver
logo
Analog Devices
AD5750 AD-AD5750_12 Datasheet
695Kb / 36P
Industrial Current/Voltage Output Driver
REV. D
logo
LDT Co., Ltd
LD1510 LDT-LD1510 Datasheet
389Kb / 25P
3Channel Output LED Driver with 12 bit PWM Controller
logo
Analog Devices
AD5748 AD-AD5748_14 Datasheet
749Kb / 32P
Industrial Current/Voltage Output Driver
9/14-Rev. A to Rev. B
logo
SHENZHEN FUMAN ELECTRON...
FM6153Q FUMAN-FM6153Q Datasheet
628Kb / 16P
16-channel PWM constant current output LED driver IC
FM6153S FUMAN-FM6153S Datasheet
701Kb / 17P
16-channel PWM constant current output LED driver IC
FM6253 FUMAN-FM6253 Datasheet
739Kb / 17P
16-channel EPWM constant current output LED driver IC
logo
DATEL, Inc.
HB24S12-29.2 DATEL-HB24S12-29.2 Datasheet
102Kb / 1P
Half-Brick, 12V Output Voltage, 29.2 A Output Current
HB48S12-29.2 DATEL-HB48S12-29.2 Datasheet
103Kb / 1P
Half-Brick, 12V Output Voltage, 29.2A Output Current
logo
STMicroelectronics
L99LDLH32 STMICROELECTRONICS-L99LDLH32 Datasheet
3Mb / 141P
32-channel LED driver with automotive CAN FD Light interface
16-Dec-2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com