Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1751736 Datasheet (PDF) - PHOENIX CONTACT

1751736 Datasheet PDF - PHOENIX CONTACT
Part # 1751736
Download  1751736 Download
File Size   235.71 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description ZFKDSA 1-V-3,81- 5 - PCB terminal block

1751736 Datasheet (PDF)

Go To PDF Page Download Datasheet
1751736 Datasheet PDF - PHOENIX CONTACT

Part # 1751736
Download  1751736 Click to download

File Size   235.71 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description ZFKDSA 1-V-3,81- 5 - PCB terminal block

1751736 Datasheet (HTML) - PHOENIX CONTACT


1751736 Product details

PCB terminal block, nominal current: 12 A, rated voltage (III/2): 200 V, nominal cross section: 1
mm2, number of potentials: 5, number of rows: 1, number of positions per row: 5, product range:
ZFKDS(A) 1-V, pitch: 3.81 mm, connection method: Spring-cage connection, mounting: Wave
soldering, conductor/PCB connection direction: 90 °, color: green, Pin layout: Linear pinning,
Solder pin [P]: 3.5 mm, number of solder pins per potential: 2, type of packaging: packed in
cardboard

Your advantages
• Defined contact force ensures that contact remains stable over the long term
• Clamping space opened by means of fixed screwdriver enables convenient conductor connection
• Vertical connection enables multi-row arrangement on the PCB
• The latching on the side enables various numbers of positions to be combined
• Two solder pins reduce the mechanical strain on the soldering spots




Similar Part No. - 1751736

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
175173 ERNI-175173 Datasheet
42Kb / 1P
MaxiBridge Standardkabelkonfektionen
More results


Similar Description - 1751736

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1904354 PHOENIX-1904354 Datasheet
45Kb / 2P
PCB terminal block - ZFKDSA 1-V-3,81-10
1932876 PHOENIX-1932876 Datasheet
46Kb / 2P
PCB terminal block - ZFKDSA 1-3,81-12
1991639 PHOENIX-1991639 Datasheet
46Kb / 2P
PCB terminal block - ZFKDSA 1-V-3,81-12
1891043 PHOENIX-1891043 Datasheet
242Kb / 8P
ZFKDSA 1-V-3,81- 8 - PCB terminal block
1993815 PHOENIX-1993815 Datasheet
240Kb / 8P
ZFKDSA 1-V-3,81-18 - PCB terminal block
1751723 PHOENIX-1751723 Datasheet
239Kb / 8P
ZFKDSA 1-V-3,81- 3 - PCB terminal block
1889770 PHOENIX-1889770 Datasheet
244Kb / 8P
ZFKDSA 1-3,81- 2 - PCB terminal block
1889796 PHOENIX-1889796 Datasheet
244Kb / 8P
ZFKDSA 1-3,81- 8 - PCB terminal block
1932915 PHOENIX-1932915 Datasheet
244Kb / 8P
ZFKDSA 1-3,81-30 - PCB terminal block
1904804 PHOENIX-1904804 Datasheet
221Kb / 8P
ZFKDSA 1-V-3,81- 6 - PCB terminal block
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com