Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA8334 Datasheet (PDF) - Tyco Electronics

MA8334 Datasheet PDF - Tyco Electronics
Part # MA8334
Download  MA8334 Download
File Size   181.07 Kbytes
Page   3 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description RF High Average Power Multi-Throw PIN Diode Switch Modules

MA8334 Datasheet (PDF)

Go To PDF Page Download Datasheet
MA8334 Datasheet PDF - Tyco Electronics

Part # MA8334
Download  MA8334 Click to download

File Size   181.07 Kbytes
Page   3 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description RF High Average Power Multi-Throw PIN Diode Switch Modules

MA8334 Datasheet (HTML) - Tyco Electronics


MA8334 Product details

Description and Applications
M/A-COM’s MA8334 Series of Multi-Throw High Power Switch Modules are SPDT and SP3T Devices designed for usage from 10 MHz to 1000 MHz. They are rated to operate at 100 Watts CW RF power with Nominal 1.3:1 Source and Load VSWR in 50 Ω.
These switch modules are constructed using Ceramic-Hybrid technology and utilize PIN diode chips optimized for lower loss and higher operating reliability. These Switch Modules employ M/A-COM’s High Voltage CERMACHIP PIN diodes for Lower Thermal Resistance and Lower Intermodulation Products.

Features
• SPDT and SP3T Series Diode Designs
• Lower Intermodulation Distortion, 80 dBc
• Higher Average Power, 100 W
• Higher B.W., 10 MHz to 1000 MHz
• Lower Insertion Loss / Higher Isolation
• Lead-Free ( RoHS Compliant )
   Available with 260 °C Reflow Compatibility




Similar Part No. - MA8334

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MA8334 MA-COM-MA8334 Datasheet
122Kb / 3P
RF High Average Power Multi-Throw PIN Diode Switch Modules
MA8334 MA-COM-MA8334 Datasheet
163Kb / 3P
High Power Multi-Throw PIN Diode Switch Modules
MA8334-001 MA-COM-MA8334-001 Datasheet
122Kb / 3P
RF High Average Power Multi-Throw PIN Diode Switch Modules
MA8334-001 MA-COM-MA8334-001 Datasheet
188Kb / 3P
High Power Multi-Throw PIN Diode Switch Modules
MA8334-001 MA-COM-MA8334-001 Datasheet
656Kb / 4P
High Power Multi-Throw PIN Diode Switch Modules
More results


Similar Description - MA8334

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA4GC6772 MACOM-MA4GC6772 Datasheet
113Kb / 3P
77 GHz GaAs Multi-Throw PIN Diode Switch
logo
M/A-COM Technology Solu...
MA47200 MA-COM-MA47200 Datasheet
147Kb / 3P
Stripline PIN Diode Switch Modules
MA8334 MA-COM-MA8334 Datasheet
122Kb / 3P
RF High Average Power Multi-Throw PIN Diode Switch Modules
MA4P504-144 MA-COM-MA4P504-144 Datasheet
87Kb / 2P
Stripline PIN Diode Switch Modules
MA8334 MA-COM-MA8334_2 Datasheet
163Kb / 3P
High Power Multi-Throw PIN Diode Switch Modules
MA47200_V5 MA-COM-MA47200_V5 Datasheet
190Kb / 4P
Stripline PIN Diode Switch Modules
MA8334-SERIES MA-COM-MA8334-SERIES Datasheet
188Kb / 3P
High Power Multi-Throw PIN Diode Switch Modules
MA47200 MA-COM-MA47200 Datasheet
190Kb / 4P
Stripline PIN Diode Switch Modules
MA8334 MA-COM-MA8334_15 Datasheet
656Kb / 4P
High Power Multi-Throw PIN Diode Switch Modules
MA47200 MA-COM-MA47200_15 Datasheet
681Kb / 5P
Stripline PIN Diode Switch Modules
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com