Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAADSS0008SMB Datasheet (PDF) - Tyco Electronics

MAADSS0008SMB Datasheet PDF - Tyco Electronics
Part # MAADSS0008SMB
Download  MAADSS0008SMB Download
File Size   218.01 Kbytes
Page   3 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Digital Attenuator 15 dB, 1-Bit, TTL Driver, DC-2.0 GHz

MAADSS0008SMB Datasheet (PDF)

Go To PDF Page Download Datasheet
MAADSS0008SMB Datasheet PDF - Tyco Electronics

Part # MAADSS0008SMB
Download  MAADSS0008SMB Click to download

File Size   218.01 Kbytes
Page   3 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Digital Attenuator 15 dB, 1-Bit, TTL Driver, DC-2.0 GHz

MAADSS0008SMB Datasheet (HTML) - Tyco Electronics


MAADSS0008SMB Product details

Description
M/A-COM’s MAADSS0008 is a 1-bit, 15-dB step GaAs MMIC digital attenuator in a lead-free SOT-25, 5 lead surface mount plastic package. The MAADSS0008 is ideally suited for use where high accuracy, very low power consumption and low intermodulation products are required.

Features
• Single 15-dB Step
• Low Loss, 0.3 dB Typical @ 900 MHz
• 2.5 to 5.0 Volt Operation
• Tape and Reel Packaging Available
• Lead-Free SOT-25 Package
• 100% Matte Tin Plating over Copper
• Halogen-Free “Green” Mold Compound
• 260°C Reflow Compatible
• RoHS* Compliant Version of AT-267




Similar Part No. - MAADSS0008SMB

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAADSS0008SMB MA-COM-MAADSS0008SMB Datasheet
78Kb / 3P
Digital Attenuator, 1-Bit, 15 dB DC - 2.0 GHz
More results


Similar Description - MAADSS0008SMB

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AT65-0263 MACOM-AT65-0263 Datasheet
261Kb / 4P
Digital Attenuator, 31 dB, 5-Bit, TTL Driver DC-2.0 GHz
MAAD-007084-000100 MACOM-MAAD-007084-000100 Datasheet
233Kb / 4P
Digital Attenuator 15.5 dB, 5-Bit, TTL Driver, DC-2.0 GHz
logo
M/A-COM Technology Solu...
AT20-0263 MA-COM-AT20-0263 Datasheet
116Kb / 4P
Digital Attenuator 31.0 dB, 5-Bit, TTL Driver, DC-2.0 GHz
AT20-0273 MA-COM-AT20-0273 Datasheet
105Kb / 4P
Digital Attenuator 32.0 dB, 2-Bit, TTL Driver, DC-2.0 GHz
AT-263-PIN MA-COM-AT-263-PIN Datasheet
123Kb / 4P
Digital Attenuator 31.0 dB, 5-Bit, TTL Driver, DC-2.0 GHz
AT-267 MA-COM-AT-267 Datasheet
81Kb / 3P
Digital Attenuator, 1-Bit, 15 dB DC - 2.0 GHz
AT-283-PIN MA-COM-AT-283-PIN Datasheet
133Kb / 4P
Digital Attenuator 15.5 dB, 5-Bit, TTL Driver, DC-2.0 GHz
AT65-0107 MA-COM-AT65-0107 Datasheet
150Kb / 6P
Digital Attenuator 31.5 dB, 6-Bit, TTL Driver, DC-2.0 GHz
AT65-0263 MA-COM-AT65-0263 Datasheet
139Kb / 6P
Digital Attenuator 31.0 dB, 5-Bit, TTL Driver, DC-2.0 GHz
MAADSS0008 MA-COM-MAADSS0008 Datasheet
78Kb / 3P
Digital Attenuator, 1-Bit, 15 dB DC - 2.0 GHz
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com