Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAAP-007899 Datasheet (PDF) - Tyco Electronics

MAAP-007899 Datasheet PDF - Tyco Electronics
Part # MAAP-007899
Download  MAAP-007899 Download
File Size   120.37 Kbytes
Page   4 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description High Power Linear Amplifier 5.7 - 5.9 GHz

MAAP-007899 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAAP-007899 Datasheet PDF - Tyco Electronics

Part # MAAP-007899
Download  MAAP-007899 Click to download

File Size   120.37 Kbytes
Page   4 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description High Power Linear Amplifier 5.7 - 5.9 GHz

MAAP-007899 Datasheet (HTML) - Tyco Electronics


MAAP-007899 Product details

Description
M/A-COM’s MAAP-007899 RF power amplifier is a three stage GaAs MMIC designed specifically for 5.7-5.9 GHz WiMax 802.16 and 802.11a applications.
The power amplifier maintains high linearity under OFDM modulation. The MAAP-007899 is fabricated using a high reliability GaAs HBT process to realize low current and high power functionality. The process features full passivation for increased performance and reliability.

Features
• Ideal for 802.11a MESH and Access Point, 5.8 GHz WiMax, and other Linear Applications
• Linear Pout: 20 dBm (802.11a Signal, 3% EVM)
• IP1dB: +28 dBm Typical
• Small Signal Gain: 23 dB Typical
• EVM: 3% at 20 dBm Linear (OFDM) POUT
• Lead-Free 4 mm 16 lead PQFN Package
• 100% Matte Tin Plating over Copper
• Halogen-Free “Green” Mold Compound
• RoHS* Compliant and 260°C Reflow Compatible




Similar Part No. - MAAP-007899

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAP-007649-000100 MACOM-MAAP-007649-000100 Datasheet
947Kb / 7P
Ultra Linear 2W Power Amplifier 800 to 1000 MHz
logo
M/A-COM Technology Solu...
MAAP-007649-000100 MA-COM-MAAP-007649-000100 Datasheet
252Kb / 7P
Ultra Linear 2W Power Amplifier 800 to 1000 MHz
logo
Tyco Electronics
MAAP-007649-0001A1 MACOM-MAAP-007649-0001A1 Datasheet
947Kb / 7P
Ultra Linear 2W Power Amplifier 800 to 1000 MHz
logo
M/A-COM Technology Solu...
MAAP-007649-0001A1 MA-COM-MAAP-007649-0001A1 Datasheet
252Kb / 7P
Ultra Linear 2W Power Amplifier 800 to 1000 MHz
logo
Tyco Electronics
MAAP-007649-0001A2 MACOM-MAAP-007649-0001A2 Datasheet
947Kb / 7P
Ultra Linear 2W Power Amplifier 800 to 1000 MHz
More results


Similar Description - MAAP-007899

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RMPA5255 FAIRCHILD-RMPA5255 Datasheet
788Kb / 7P
4.9-5.9 GHz WLAN Linear Power Amplifier Module
RMPA5252 FAIRCHILD-RMPA5252 Datasheet
250Kb / 7P
4.9-5.9 GHz InGaP HBT WLAN Linear Power Amplifier
logo
Mimix Broadband
XP1035-QH MIMIX-XP1035-QH Datasheet
855Kb / 6P
5.9-9.5 GHz Linear Power Amplifier QFN, 4x4mm
XP1035-BD MIMIX-XP1035-BD Datasheet
1Mb / 1P
5.9-9.5 GHz GaAs MMIC Linear Power Amplifier
XP1035-QH MIMIX-XP1035-QH_10 Datasheet
860Kb / 7P
5.9-9.5 GHz Linear Power Amplifier QFN, 4x4mm
logo
Microchip Technology
SST11CP15E MICROCHIP-SST11CP15E Datasheet
174Kb / 17P
4.9-5.9 GHz High-Linearity Power Amplifier
2013 05/13
logo
IXYS Corporation
MMA-445933H-02 IXYS-MMA-445933H-02 Datasheet
377Kb / 8P
4.4-5.9 GHZ 2W HIGH EFFICIENCY LINEAR POWER AMPLIFIER
MMA-495933-Q5 IXYS-MMA-495933-Q5 Datasheet
198Kb / 8P
4.9 ??5.9 GHz Linear Power Amplifier Preliminary Data Sheet
logo
Microchip Technology
SST11CP16 MICROCHIP-SST11CP16 Datasheet
204Kb / 14P
5.1-5.9 GHz High-Linearity Power Amplifier
9/14
logo
Qorvo, Inc
TGA2753-SM QORVO-TGA2753-SM Datasheet
908Kb / 15P
5.9 ??7.1 GHz Power Amplifier
September 2020
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com