Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAAPSS0111 Datasheet (PDF) - Tyco Electronics

MAAPSS0111 Datasheet PDF - Tyco Electronics
Part # MAAPSS0111
Download  MAAPSS0111 Download
File Size   145.22 Kbytes
Page   6 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description 1.25 W VSAT Power Amplifier 13.75-14.5 GHz

MAAPSS0111 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAAPSS0111 Datasheet PDF - Tyco Electronics

Part # MAAPSS0111
Download  MAAPSS0111 Click to download

File Size   145.22 Kbytes
Page   6 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description 1.25 W VSAT Power Amplifier 13.75-14.5 GHz

MAAPSS0111 Datasheet (HTML) - Tyco Electronics




Similar Part No. - MAAPSS0111

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAPSS0113 MACOM-MAAPSS0113 Datasheet
304Kb / 7P
DECT Power Amplifier 1880 - 1930 MHz
MAAPSS0113SMB MACOM-MAAPSS0113SMB Datasheet
304Kb / 7P
DECT Power Amplifier 1880 - 1930 MHz
MAAPSS0113TR-3000 MACOM-MAAPSS0113TR-3000 Datasheet
304Kb / 7P
DECT Power Amplifier 1880 - 1930 MHz
More results


Similar Description - MAAPSS0111

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AM42-0007 MACOM-AM42-0007 Datasheet
39Kb / 3P
GaAs MMIC VSAT Power Amplifier 2.0W 14.0 - 14.5 GHz
logo
Transcom, Inc.
TC4522 TRANSCOM-TC4522 Datasheet
62Kb / 2P
13.75 - 14.5 GHz 0.5 W MMIC
TC4531 TRANSCOM-TC4531 Datasheet
81Kb / 3P
13.75 - 14.5 GHz 1 W MMIC
TC4542 TRANSCOM-TC4542 Datasheet
85Kb / 3P
13.75 - 14.5 GHz 2 W MMIC
logo
M/A-COM Technology Solu...
AM42-0002 MA-COM-AM42-0002 Datasheet
167Kb / 4P
GaAs MMIC VSAT Power Amplifier 1.4 W 14.0 - 14.5 GHz
AM42-0007 MA-COM-AM42-0007 Datasheet
166Kb / 4P
GaAs MMIC VSAT Power Amplifier, 2.0 W 14.0 - 14.5 GHz
AM42-0041 MA-COM-AM42-0041 Datasheet
143Kb / 4P
GaAs MMIC VSAT Power Amplifier, 0.5 W 14.0 - 14.5 GHz
logo
Cree, Inc
CMPA1D1E030D CREE-CMPA1D1E030D Datasheet
595Kb / 6P
30 W, 13.75 - 14.5 GHz, 40 V, GaN MMIC, Power Amplifier
Rev 0.0
CMPA1D1E080F CREE-CMPA1D1E080F Datasheet
1Mb / 11P
80 W, 13.75 - 14.5 GHz, 40 V, Ku-Band GaN, Power Amplifier
logo
WOLFSPEED, INC.
CMPA1D1E030D WOLFSPEED-CMPA1D1E030D Datasheet
1Mb / 7P
30 W, 13.75 - 14.5 GHz, 40 V GaN MMIC, Power Amplifier
Rev. 2.0, 2022-9-20
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com