Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAATCC0005 Datasheet (PDF) - Tyco Electronics

MAATCC0005 Datasheet PDF - Tyco Electronics
Part # MAATCC0005
Download  MAATCC0005 Download
File Size   289.9 Kbytes
Page   6 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Digital Attenuator 31.5dB, 6-Bit, TTL Driver, DC-2.0 GHz

MAATCC0005 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAATCC0005 Datasheet PDF - Tyco Electronics

Part # MAATCC0005
Download  MAATCC0005 Click to download

File Size   289.9 Kbytes
Page   6 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Digital Attenuator 31.5dB, 6-Bit, TTL Driver, DC-2.0 GHz

MAATCC0005 Datasheet (HTML) - Tyco Electronics




Similar Part No. - MAATCC0005

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAATCC0005 MA-COM-MAATCC0005 Datasheet
151Kb / 6P
Digital Attenuator 31.5 dB, 6-Bit, TTL Driver, DC-2.0 GHz
MAATCC0005 MA-COM-MAATCC0005 Datasheet
151Kb / 6P
Digital Attenuator
MAATCC0005-TB MA-COM-MAATCC0005-TB Datasheet
151Kb / 6P
Digital Attenuator 31.5 dB, 6-Bit, TTL Driver, DC-2.0 GHz
MAATCC0005TR MA-COM-MAATCC0005TR Datasheet
151Kb / 6P
Digital Attenuator 31.5 dB, 6-Bit, TTL Driver, DC-2.0 GHz
MAATCC0005 MA-COM-MAATCC0005_15 Datasheet
151Kb / 6P
Digital Attenuator
More results


Similar Description - MAATCC0005

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AT20-0107 MACOM-AT20-0107_1 Datasheet
248Kb / 4P
Digital Attenuator 31.5dB, 6-Bit, TTL Driver, DC-2.0 GHz
AT65-0106 MACOM-AT65-0106_1 Datasheet
424Kb / 4P
Digital Attenuator 50dB, 6-Bit, TTL Driver, DC-2.0 GHz
AT65-0107 MACOM-AT65-0107_1 Datasheet
356Kb / 4P
Digital Attenuator 31.5dB, 6-Bit, TTL Driver, DC-2.0 GHz
AT90-0107 MACOM-AT90-0107_1 Datasheet
262Kb / 6P
Digital Attenuator 31.5dB, 6-Bit, TTL Driver, DC-4.0 GHz
AT90-1107 MACOM-AT90-1107_1 Datasheet
664Kb / 6P
Digital Attenuator, 31.5dB, 6-Bit, TTL Driver DC - 4.0 GHz
AT-107-PIN MACOM-AT-107-PIN Datasheet
184Kb / 4P
Digital Attenuator, 31.5dB, 6-Bit, TTL Driver DC - 2.0 GHz
MAATCC0007 MACOM-MAATCC0007 Datasheet
270Kb / 6P
Digital Attenuator 31.5dB, 6-Bit, TTL Driver, DC-2.0 GHz
MAATCC0008 MACOM-MAATCC0008 Datasheet
246Kb / 4P
Digital Attenuator 31.5dB, 6-Bit, TTL Driver, DC-2.0 GHz
MAATCC0009 MACOM-MAATCC0009 Datasheet
326Kb / 7P
Digital Attenuator 31.5dB, 6-Bit, TTL Driver, DC-4.0 GHz
MAATCC0011 MACOM-MAATCC0011 Datasheet
329Kb / 7P
Digital Attenuator 31.5dB, 6-Bit, TTL Driver, DC-4.0 GHz
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com