Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL33 Datasheet (PDF) - NXP Semiconductors

EL33 Datasheet PDF - NXP Semiconductors
Part # EL33
Download  EL33 Download
File Size   35.5 Kbytes
Page   3 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description OUTPUT PENTODE PENTHODE DE SORTIE ENDPENTODE

EL33 Datasheet (PDF)

Go To PDF Page Download Datasheet
EL33 Datasheet PDF - NXP Semiconductors

Part # EL33
Download  EL33 Click to download

File Size   35.5 Kbytes
Page   3 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description OUTPUT PENTODE PENTHODE DE SORTIE ENDPENTODE

EL33 Datasheet (HTML) - NXP Semiconductors




Similar Part No. - EL33

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
EL333 KODENSHI-EL333 Datasheet
193Kb / 2P
Infrared Emitting Diode(GaAs)
logo
Everlight Electronics C...
EL333ED EVERLIGHT-EL333ED Datasheet
167Kb / 1P
ROUND TYPE LED LAMPS(5MM)
EL333ET EVERLIGHT-EL333ET Datasheet
167Kb / 1P
ROUND TYPE LED LAMPS(5MM)
logo
KODENSHI_AUK CORP.
EL333F KODENSHI-EL333F Datasheet
135Kb / 3P
Compact package with double-end leads
EL333F1 KODENSHI-EL333F1 Datasheet
132Kb / 3P
Compact package
More results


Similar Description - EL33

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
EL34 PHILIPS-EL34 Datasheet
438Kb / 16P
OUTPUT PENTODE PEDTHODE DE SOTRIE ENDPENTODE
2.2.1958
EL84 PHILIPS-EL84 Datasheet
522Kb / 21P
OUTPUT PENTODE PENTHODE DE SORTIE ENDPENTODE
3.3.1955
logo
List of Unclassifed Man...
EL37 ETC2-EL37 Datasheet
137Kb / 4P
OUTPUT PENTODE
EF85 ETC2-EF85 Datasheet
359Kb / 4P
PENTODE DE TENSION
EL81 ETC2-EL81 Datasheet
52Kb / 2P
OUTPUT PENTODE
logo
NXP Semiconductors
UL84 PHILIPS-UL84 Datasheet
1Mb / 45P
OUTPUT PENTODE
4.4.1956
E80L PHILIPS-E80L Datasheet
1Mb / 31P
OUTPUT PENTODE
6.6.1957
DL67 PHILIPS-DL67 Datasheet
26Kb / 2P
OUTPUT PENTODE
4.4.1950
logo
Roithner LaserTechnik G...
PTDCC-S350700 ROITHNER-PTDCC-S350700 Datasheet
226Kb / 1P
Courant de sortie constant 350mA ou 700mA
logo
NXP Semiconductors
EL95 PHILIPS-EL95 Datasheet
356Kb / 13P
OUTPUT PENTODE
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com