Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MACPCC0001 Datasheet (PDF) - Tyco Electronics

MACPCC0001 Datasheet PDF - Tyco Electronics
Part # MACPCC0001
Download  MACPCC0001 Download
File Size   204.63 Kbytes
Page   4 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Low Cost SMT 17 dB Bi-Directional Coupler 1700 - 2000 MHz

MACPCC0001 Datasheet (PDF)

Go To PDF Page Download Datasheet
MACPCC0001 Datasheet PDF - Tyco Electronics

Part # MACPCC0001
Download  MACPCC0001 Click to download

File Size   204.63 Kbytes
Page   4 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Low Cost SMT 17 dB Bi-Directional Coupler 1700 - 2000 MHz

MACPCC0001 Datasheet (HTML) - Tyco Electronics




Similar Part No. - MACPCC0001

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MACPCC0001 MA-COM-MACPCC0001 Datasheet
90Kb / 4P
Low Cost SMT 17 dB Bi-Directional Coupler 1700 - 2000 MHz
MACPCC0001 MA-COM-MACPCC0001 Datasheet
90Kb / 4P
Low Cost SMT 17 dB Bi-Directional Coupler
MACPCC0001-TB MA-COM-MACPCC0001-TB Datasheet
90Kb / 4P
Low Cost SMT 17 dB Bi-Directional Coupler 1700 - 2000 MHz
MACPCC0001-TR MA-COM-MACPCC0001-TR Datasheet
90Kb / 4P
Low Cost SMT 17 dB Bi-Directional Coupler 1700 - 2000 MHz
MACPCC0001 MA-COM-MACPCC0001_15 Datasheet
90Kb / 4P
Low Cost SMT 17 dB Bi-Directional Coupler
More results


Similar Description - MACPCC0001

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
CH20-0033-17G MACOM-CH20-0033-17G Datasheet
99Kb / 2P
Low Cost SMT 17 dB Bi-Directional Coupler 1700 - 2000 MHz
CH20-0032-17G MACOM-CH20-0032-17G_1 Datasheet
237Kb / 2P
Low Cost SMT 17dB Bi-Directional Coupler, 824-960 MHz
CH20-0033-17G MACOM-CH20-0033-17G_1 Datasheet
231Kb / 2P
Low Cost SMT 17dB Bi-Directional Coupler, 1700-2000 MHz
logo
M/A-COM Technology Solu...
MACPCC0001 MA-COM-MACPCC0001 Datasheet
90Kb / 4P
Low Cost SMT 17 dB Bi-Directional Coupler 1700 - 2000 MHz
MACPCC0002 MA-COM-MACPCC0002 Datasheet
89Kb / 4P
Low Cost SMT 17dB Bi-Directional Coupler 824 - 960 MHz
CH20-0033-17G MA-COM-CH20-0033-17G Datasheet
89Kb / 4P
Low Cost SMT 17 dB Bi-Directional Coupler 1700 - 2000 MHz
MACPCC0001 MA-COM-MACPCC0001 Datasheet
90Kb / 4P
Low Cost SMT 17 dB Bi-Directional Coupler
MACPCC0002 MA-COM-MACPCC0002 Datasheet
89Kb / 4P
Low Cost SMT 17dB Bi-Directional Coupler
MACPCC0001 MA-COM-MACPCC0001_15 Datasheet
90Kb / 4P
Low Cost SMT 17 dB Bi-Directional Coupler
MACPCC0002 MA-COM-MACPCC0002_15 Datasheet
89Kb / 4P
Low Cost SMT 17dB Bi-Directional Coupler
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com