Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAFRIN0370 Datasheet (PDF) - Tyco Electronics

MAFRIN0370 Datasheet PDF - Tyco Electronics
Part # MAFRIN0370
Download  MAFRIN0370 Download
File Size   372.88 Kbytes
Page   3 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Single Junction Gull Wing Circulator 860 MHz-960 MHz

MAFRIN0370 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAFRIN0370 Datasheet PDF - Tyco Electronics

Part # MAFRIN0370
Download  MAFRIN0370 Click to download

File Size   372.88 Kbytes
Page   3 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Single Junction Gull Wing Circulator 860 MHz-960 MHz

MAFRIN0370 Datasheet (HTML) - Tyco Electronics




Similar Part No. - MAFRIN0370

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAFRIN0332 MACOM-MAFRIN0332 Datasheet
250Kb / 3P
Surface Mount Robust Lead Circulator 902 MHz-928 MHz
logo
M/A-COM Technology Solu...
MAFRIN0332 MA-COM-MAFRIN0332 Datasheet
94Kb / 2P
Single Junction Robust Lead Circulator
More results


Similar Description - MAFRIN0370

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAFRIN0494 MACOM-MAFRIN0494 Datasheet
371Kb / 3P
Single Junction Gull Wing Circulator 860 MHz-960 MHz
MAFRIN0495 MACOM-MAFRIN0495 Datasheet
133Kb / 3P
Single Junction Surface Mount Gull Wing Circulator 860 MHz-872 MHz
MAFRIN0496 MACOM-MAFRIN0496 Datasheet
132Kb / 3P
Single Junction Gull Wing Circulator 950 MHz-956 MHz
MAFRIN0449 MACOM-MAFRIN0449 Datasheet
134Kb / 3P
Single Junction Surface Mount Gull Wing Circulator 860 MHz-872 MHz
MAFRIN0453 MACOM-MAFRIN0453 Datasheet
133Kb / 3P
Single Junction Gull Wing Circulator 950 MHz-956 MHz
MAFRIN0461 MACOM-MAFRIN0461 Datasheet
135Kb / 3P
Single Junction Gull Wing Circulator 902 MHz-928 MHz
MAFRIN0497 MACOM-MAFRIN0497 Datasheet
134Kb / 3P
Single Junction Gull Wing Circulator 902 MHz-928 MHz
logo
M/A-COM Technology Solu...
MAFRIN0494 MA-COM-MAFRIN0494 Datasheet
371Kb / 3P
Single Junction Gull Wing Circulator 860 MHz-960 MHz
MAFRIN0496 MA-COM-MAFRIN0496 Datasheet
131Kb / 3P
Single Junction Gull Wing Circulator 950 MHz-956 MHz
MAFRIN0497 MA-COM-MAFRIN0497 Datasheet
132Kb / 3P
Single Junction Gull Wing Circulator 902 MHz-928 MHz
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com