Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAFRIN0448 Datasheet (PDF) - Tyco Electronics

MAFRIN0448 Datasheet PDF - Tyco Electronics
Part # MAFRIN0448
Download  MAFRIN0448 Download
File Size   150.85 Kbytes
Page   3 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Ultra Low Loss Isolator 860 MHz - 960 MHz

MAFRIN0448 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAFRIN0448 Datasheet PDF - Tyco Electronics

Part # MAFRIN0448
Download  MAFRIN0448 Click to download

File Size   150.85 Kbytes
Page   3 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Ultra Low Loss Isolator 860 MHz - 960 MHz

MAFRIN0448 Datasheet (HTML) - Tyco Electronics




Similar Part No. - MAFRIN0448

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAFRIN0449 MACOM-MAFRIN0449 Datasheet
134Kb / 3P
Single Junction Surface Mount Gull Wing Circulator 860 MHz-872 MHz
More results


Similar Description - MAFRIN0448

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAFRIN0436 MACOM-MAFRIN0436 Datasheet
183Kb / 3P
Ultra Low Loss Isolator 860 MHz - 894 MHz
MAFRIN0437 MACOM-MAFRIN0437 Datasheet
196Kb / 3P
Ultra Low Loss Isolator 925 MHz - 960 MHz
logo
Balluff Korea Ltd.
BIS012R BALLUFF-BIS012R Datasheet
146Kb / 2P
UHF (860...960 MHz)
BIS0167 BALLUFF-BIS0167 Datasheet
105Kb / 1P
UHF (860...960 MHz)
BIS0178 BALLUFF-BIS0178 Datasheet
106Kb / 2P
UHF (860...960 MHz)
BIS00RC BALLUFF-BIS00RC Datasheet
110Kb / 2P
UHF (860...960 MHz)
BIS00TY BALLUFF-BIS00TY Datasheet
150Kb / 2P
UHF (860...960 MHz)
BIS00WH BALLUFF-BIS00WH Datasheet
107Kb / 2P
UHF (860...960 MHz)
BIS016Y BALLUFF-BIS016Y Datasheet
118Kb / 1P
UHF (860...960 MHz)
0.27_2021-03-18
BIS018N BALLUFF-BIS018N Datasheet
151Kb / 3P
UHF (860...960 MHz)
0.23_2021-09-10
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com