Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AH102A Datasheet (PDF) - WJ Communication. Inc.

AH102A Datasheet PDF - WJ Communication. Inc.
Part # AH102A
Download  AH102A Download
File Size   243.98 Kbytes
Page   5 Pages
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.
Description Medium Power, High Linearity Amplifier

AH102A Datasheet (PDF)

Go To PDF Page Download Datasheet
AH102A Datasheet PDF - WJ Communication. Inc.

Part # AH102A
Download  AH102A Click to download

File Size   243.98 Kbytes
Page   5 Pages
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.
Description Medium Power, High Linearity Amplifier

AH102A Datasheet (HTML) - WJ Communication. Inc.


AH102A Product details

Product Description

The  AH102A is a medium power gain block that offers excellent dynamic range in a low-cost surface mount package. The combination of a single supply voltage and an internally matched device makes it ideal for both narrow and broadband applications.



Product Features

•  350 – 3000 MHz

•  +46 dBm Output IP3

•  14.5 dB Gain

•  +27 dBm P1dB

•  MTTF > 1000 Years

•  Internally Matched

•  Single +9 V Supply

•  Lead-free/Green/RoHS-compliant SOT-89 Package



Applications

•  Mobile Infrastructure

•  W-LAN / ISM / WLL / RFID

•  Broadband Wireless

•  PowerAmp Predistortion Circuitry




Similar Part No. - AH102A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AH102A ETC-AH102A Datasheet
235Kb / 6P
Medium Power, High Linearity Amplifier
AH102A-G ETC-AH102A-G Datasheet
235Kb / 6P
Medium Power, High Linearity Amplifier
logo
TriQuint Semiconductor
AH102A-G TRIQUINT-AH102A-G Datasheet
203Kb / 5P
Medium Power, High Linearity Amplifier
AH102A-G TRIQUINT-AH102A-G_15 Datasheet
203Kb / 5P
Medium Power, High Linearity Amplifier
logo
List of Unclassifed Man...
AH102A-PCB2000 ETC-AH102A-PCB2000 Datasheet
235Kb / 6P
Medium Power, High Linearity Amplifier
More results


Similar Description - AH102A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AH102 ETC-AH102 Datasheet
278Kb / 6P
Medium Power, High Linearity Amplifier
AH101 ETC-AH101 Datasheet
214Kb / 6P
Medium Power, High Linearity Amplifier
AH201 ETC-AH201 Datasheet
220Kb / 4P
Medium Power, High Linearity Amplifier
AH102A ETC-AH102A Datasheet
235Kb / 6P
Medium Power, High Linearity Amplifier
logo
Filtronic Compound Semi...
FMA3018QFN FILTRONIC-FMA3018QFN Datasheet
141Kb / 4P
MEDIUM LINEARITY INTEGRATED BALANCED AMPLIFIER MODULE
logo
WJ Communication. Inc.
AH101 WJCI-AH101 Datasheet
372Kb / 5P
Medium Power, High Linearity Amplifier
logo
TriQuint Semiconductor
AH101-G TRIQUINT-AH101-G_15 Datasheet
566Kb / 7P
Medium Power, High Linearity Amplifier
AH102A-G TRIQUINT-AH102A-G_15 Datasheet
203Kb / 5P
Medium Power, High Linearity Amplifier
logo
Infineon Technologies A...
BFQ790 INFINEON-BFQ790_17 Datasheet
491Kb / 23P
High Linearity RF Medium Power Amplifier
Revision 2.0 2017-02-16
logo
NXP Semiconductors
MMG15241H NXP-MMG15241H Datasheet
666Kb / 18P
High Linearity Amplifier
Rev. 2, 9/2014
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com