Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAMUCT0021TR Datasheet (PDF) - Tyco Electronics

MAMUCT0021TR Datasheet PDF - Tyco Electronics
Part # MAMUCT0021TR
Download  MAMUCT0021TR Download
File Size   148.41 Kbytes
Page   4 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description CATV Amplifier Splitter Module 50 - 860 MHz

MAMUCT0021TR Datasheet (PDF)

Go To PDF Page Download Datasheet
MAMUCT0021TR Datasheet PDF - Tyco Electronics

Part # MAMUCT0021TR
Download  MAMUCT0021TR Click to download

File Size   148.41 Kbytes
Page   4 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description CATV Amplifier Splitter Module 50 - 860 MHz

MAMUCT0021TR Datasheet (HTML) - Tyco Electronics




Similar Part No. - MAMUCT0021TR

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAMUCT0021 MA-COM-MAMUCT0021 Datasheet
119Kb / 4P
CATV Amplifier Splitter Module 50 - 860 MHz
More results


Similar Description - MAMUCT0021TR

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MHW8182A MOTOROLA-MHW8182A Datasheet
53Kb / 2P
128-Channel 860 MHz CATV Amplifier
MHW8185 MOTOROLA-MHW8185 Datasheet
55Kb / 2P
19.4 dB GAIN 860 MHz 128-CHANNEL CATV AMPLIFIER
MHW8242A MOTOROLA-MHW8242A Datasheet
54Kb / 2P
24 dB GAIN 860 MHz 128-CHANNEL CATV AMPLIFIER
logo
ANADIGICS, Inc
ACA0861 ANADIGICS-ACA0861 Datasheet
452Kb / 11P
750/860 MHz CATV LINE AMPLIFIER MMIC
Rev 2
logo
Tyco Electronics
PAW887B MACOM-PAW887B Datasheet
36Kb / 1P
40-860 MHz. 28 dB. CATV Ultra-linear Amplifier
MAMUSS0007 MACOM-MAMUSS0007 Datasheet
264Kb / 5P
CATV Amplifier Splitter Module 50 - 860 MHz
logo
M/A-COM Technology Solu...
MAMUCT0021 MA-COM-MAMUCT0021 Datasheet
119Kb / 4P
CATV Amplifier Splitter Module 50 - 860 MHz
MAMUSS0007 MA-COM-MAMUSS0007 Datasheet
91Kb / 4P
CATV Amplifier Splitter Module 50 - 860 MHz
logo
ANADIGICS, Inc
ACA0861 ANADIGICS-ACA0861_08 Datasheet
952Kb / 16P
750/860 MHz CATV Line Amplifier MMIC
Rev 2.3
logo
Skyworks Solutions Inc.
ACA0861-A SKYWORKS-ACA0861-A Datasheet
1Mb / 18P
750/860 MHz CATV Line Amplifier MMIC
September 16, 2016
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com