Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLVA400A Datasheet (PDF) - NXP Semiconductors

PLVA400A Datasheet PDF - NXP Semiconductors
Part # PLVA400A
Download  PLVA400A Download
File Size   22.68 Kbytes
Page   5 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Low-voltage avalanche regulator diodes

PLVA400A Datasheet (PDF)

Go To PDF Page Download Datasheet
PLVA400A Datasheet PDF - NXP Semiconductors

Part # PLVA400A
Download  PLVA400A Click to download

File Size   22.68 Kbytes
Page   5 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Low-voltage avalanche regulator diodes

PLVA400A Datasheet (HTML) - NXP Semiconductors


PLVA400A Product details

DESCRIPTION
High performance voltage regulator diodes in hermetically sealed leaded glass SOD27 (DO-35) packages.
The series consists of PLVA450A to PLVA468A.

FEATURES
• Very low dynamic impedance at low currents: approximately 1⁄20 of conventional series
• Hard breakdown knee
• Low noise: approximately 1⁄10 of conventional series
• Total power dissipation: max. 400 mW
• Small tolerances of VZ
• Working voltage range: nom. 5.0 to 6.8 V
• Non-repetitive peak reverse power dissipation: max. 30 W.

APPLICATIONS
• Low current, low power, low noise applications
• CMOS RAM back-up circuits
• Voltage stabilizers
• Voltage limiters
• Smoke detector relays.




Similar Part No. - PLVA400A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PLVA2600A PHILIPS-PLVA2600A Datasheet
56Kb / 8P
Low-voltage avalanche regulator double diodes
1999 May 10
logo
Nexperia B.V. All right...
PLVA2600A NEXPERIA-PLVA2600A Datasheet
389Kb / 9P
Low-voltage avalanche regulator double diodes
2001 Oct 15
PLVA2600A_SER NEXPERIA-PLVA2600A_SER Datasheet
389Kb / 9P
Low-voltage avalanche regulator double diodes
2001 Oct 15
PLVA2600A_SERIES NEXPERIA-PLVA2600A_SERIES Datasheet
389Kb / 9P
Low-voltage avalanche regulator double diodes
2001 Oct 15
logo
NXP Semiconductors
PLVA2650 PHILIPS-PLVA2650 Datasheet
56Kb / 8P
Low-voltage avalanche regulator double diodes
1999 May 10
More results


Similar Description - PLVA400A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PLVA2600A PHILIPS-PLVA2600A Datasheet
56Kb / 8P
Low-voltage avalanche regulator double diodes
1999 May 10
PLVA600A PHILIPS-PLVA600A Datasheet
43Kb / 8P
Low-voltage avalanche regulator diodes
1999 May 25
logo
Jinan Gude Electronic D...
1N5518 JGD-1N5518 Datasheet
243Kb / 2P
0.4W LOW VOLTAGE AVALANCHE DIODES
logo
Microsemi Corporation
1N5518-1 MICROSEMI-1N5518-1 Datasheet
81Kb / 2P
LOW VOLTAGE AVALANCHE DIODES DO-35
1N5518 MICROSEMI-1N5518 Datasheet
83Kb / 2P
LOW VOLTAGE AVALANCHE DIODES DO-7
logo
New Jersey Semi-Conduct...
1N5518 NJSEMI-1N5518 Datasheet
191Kb / 1P
0.4W LOW VOLTAGE AVALANCHE DIODES
logo
Nexperia B.V. All right...
PLVA6XXA_SER NEXPERIA-PLVA6XXA_SER Datasheet
223Kb / 10P
Low-voltage avalanche regulator diodes
Rev. 4 - 1 January 2023
PLVA6XXA-Q_SER NEXPERIA-PLVA6XXA-Q_SER Datasheet
206Kb / 10P
Low-voltage avalanche regulator diodes
Rev. 1 - 12 May 2022
PLVA2600A_SERIES NEXPERIA-PLVA2600A_SERIES Datasheet
389Kb / 9P
Low-voltage avalanche regulator double diodes
2001 Oct 15
PLVA2600A_SER NEXPERIA-PLVA2600A_SER Datasheet
389Kb / 9P
Low-voltage avalanche regulator double diodes
2001 Oct 15
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com