Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASWCC0006 Datasheet (PDF) - Tyco Electronics

MASWCC0006 Datasheet PDF - Tyco Electronics
Part # MASWCC0006
Download  MASWCC0006 Download
File Size   257.73 Kbytes
Page   5 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description GaAs SP6T Switch, Absorptive, Single Supply DC - 4.0 GHz

MASWCC0006 Datasheet (PDF)

Go To PDF Page Download Datasheet
MASWCC0006 Datasheet PDF - Tyco Electronics

Part # MASWCC0006
Download  MASWCC0006 Click to download

File Size   257.73 Kbytes
Page   5 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description GaAs SP6T Switch, Absorptive, Single Supply DC - 4.0 GHz

MASWCC0006 Datasheet (HTML) - Tyco Electronics




Similar Part No. - MASWCC0006

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MASWCC0006 MA-COM-MASWCC0006 Datasheet
153Kb / 5P
GaAs SP6T Switch, Absorptive, Single Supply DC - 4.0 GHz
MASWCC0006 MA-COM-MASWCC0006 Datasheet
153Kb / 5P
GaAs SP6T Switch, Absorptive, Single Supply
MASWCC0006 MA-COM-MASWCC0006 Datasheet
768Kb / 6P
GaAs SP6T Switch, Absorptive, Single Supply
MASWCC0006-TB MA-COM-MASWCC0006-TB Datasheet
153Kb / 5P
GaAs SP6T Switch, Absorptive, Single Supply DC - 4.0 GHz
MASWCC0006-TB MA-COM-MASWCC0006-TB Datasheet
768Kb / 6P
GaAs SP6T Switch, Absorptive, Single Supply
More results


Similar Description - MASWCC0006

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW90-0004 MACOM-SW90-0004 Datasheet
251Kb / 4P
GaAs SP6T Switch, Absorptive, Single Supply, DC - 4 GHz
MASW-007070-000100 MACOM-MASW-007070-000100 Datasheet
266Kb / 5P
GaAs SPST Switch, Absorptive, Single Supply, DC-4.0 GHz
MASW-007071-000100 MACOM-MASW-007071-000100 Datasheet
268Kb / 5P
GaAs SPST Switch, Absorptive, Single Supply, DC-4.0 GHz
MASWCC0009 MACOM-MASWCC0009 Datasheet
327Kb / 1P
GaAs SP6T Switch, Absorptive, Single Supply DC - 3.0 GHz
MASWCC0010 MACOM-MASWCC0010 Datasheet
238Kb / 5P
GaAs SP4T Switch, Absorptive, Single Supply DC - 4.0 GHz
SW90-0004A MACOM-SW90-0004A Datasheet
178Kb / 4P
GaAs SP6T Switch, Absorptive, Single Supply DC - 4.0 GHz
logo
M/A-COM Technology Solu...
SW90-0004A MA-COM-SW90-0004A Datasheet
154Kb / 5P
GaAs SP6T Switch, Absorptive, Single Supply DC - 4.0 GHz
MASWCC0006 MA-COM-MASWCC0006 Datasheet
153Kb / 5P
GaAs SP6T Switch, Absorptive, Single Supply DC - 4.0 GHz
MASW-007071-000100 MA-COM-MASW-007071-000100 Datasheet
157Kb / 5P
GaAs SPDT Switch, Absorptive, Single Supply, DC-4.0 GHz
MASW-007071-000100 MA-COM-MASW-007071-000100_15 Datasheet
808Kb / 6P
GaAs SPDT Switch, Absorptive Single Supply, DC-4.0 GHz
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com