Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1522435 Datasheet (PDF) - PHOENIX CONTACT

1522435 Datasheet PDF - PHOENIX CONTACT
Part # 1522435
Download  1522435 Download
File Size   516.0 Kbytes
Page   17 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SAC-6P-M 8FS SH/.../... - Sensor/actuator cable

1522435 Datasheet (PDF)

Go To PDF Page Download Datasheet
1522435 Datasheet PDF - PHOENIX CONTACT

Part # 1522435
Download  1522435 Click to download

File Size   516.0 Kbytes
Page   17 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SAC-6P-M 8FS SH/.../... - Sensor/actuator cable

1522435 Datasheet (HTML) - PHOENIX CONTACT


1522435 Product details

Sensor/actuator cable, 6-position, free cable end, on Socket straight M8, coding: A, cable length:
Free input (0.2 ... 40.0 m)

Your advantages
• Easy and safe: 100 % electrically tested plug-in components
• Reliable signal transmission – 360° shielding in environments with electromagnetic interference




Similar Part No. - 1522435

ManufacturerPart #DatasheetDescription
logo
Turck, Inc.
15224 TURCK-15224 Datasheet
425Kb / 3P
Inductive Sensor
11/07/2023
logo
3M Electronics
152240-0000GB 3M-152240-0000GB Datasheet
70Kb / 3P
2mm X 2mm Wiremount Socket
04-Aug-1999
152240-0000GB 3M-152240-0000GB Datasheet
1Mb / 4P
Pak 20 Wiremount Socket - 2 mm × 2 mm for 1 mm Pitch Cable
15-Apr-2010
152240-0000GG 3M-152240-0000GG Datasheet
70Kb / 3P
2mm X 2mm Wiremount Socket
04-Aug-1999
152240-0000GG 3M-152240-0000GG Datasheet
1Mb / 4P
Pak 20 Wiremount Socket - 2 mm × 2 mm for 1 mm Pitch Cable
15-Apr-2010
More results


Similar Description - 1522435

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1405489 PHOENIX-1405489 Datasheet
107Kb / 8P
Sensor/Actuator cable - SAC-3P-20,0-PUR/M 8FS
1425245 PHOENIX-1425245 Datasheet
129Kb / 9P
Sensor/actuator cable - SAC-3P-15,0-PUR/M 8FS
09/12/2020
1455298 PHOENIX-1455298 Datasheet
131Kb / 11P
Sensor/actuator cable - SAC-3P-M 8MS/ 3,0-PUR/M 8FS SH
09/11/2020
1455311 PHOENIX-1455311 Datasheet
73Kb / 4P
Sensor/actuator cable - SAC-3P-M 8MS/15,0-PUR/M 8FS SH
12/05/2018
1456323 PHOENIX-1456323 Datasheet
130Kb / 10P
Sensor/actuator cable - SAC-3P-M 8MS/ 0,6-PUR/M 8FS SH
09/11/2020
1522260 PHOENIX-1522260 Datasheet
161Kb / 13P
Sensor/actuator cable - SAC-6P- 5,0-PUR/M 8FR
09/11/2020
1554500 PHOENIX-1554500 Datasheet
92Kb / 4P
Sensor/actuator cable - SAC-3P- 5,0-170/M 8FS
12/06/2018
1682236 PHOENIX-1682236 Datasheet
164Kb / 13P
Sensor/actuator cable - SAC-4P-M 8MR/0,6-PUR/M 8FS
09/11/2020
1683552 PHOENIX-1683552 Datasheet
101Kb / 5P
Sensor/actuator cable - SAC-3P-M12MS/1,0-PUR/M 8FS
12/07/2018
1694923 PHOENIX-1694923 Datasheet
156Kb / 12P
Sensor/actuator cable - SAC-4P-M12MS/0,3-PUR/M 8FS
09/11/2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com