Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7116W Datasheet (PDF) - Belden Inc.

7116W Datasheet PDF - Belden Inc.
Part # 7116W
Download  7116W Download
File Size   166.19 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description MachFlex™, 171G C #18 Str BC, PVC-NYL Ins, TPE Jkt, 1000V WTTC,600V TC-ER

7116W Datasheet (PDF)

Go To PDF Page Download Datasheet
7116W Datasheet PDF - Belden Inc.

Part # 7116W
Download  7116W Click to download

File Size   166.19 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description MachFlex™, 171G C #18 Str BC, PVC-NYL Ins, TPE Jkt, 1000V WTTC,600V TC-ER

7116W Datasheet (HTML) - Belden Inc.


7116W Product details

Product Description
MachFlex™ for High Flex, 17+1G Conductor 18AWG (105x38) Bare Copper, PVC-NYL Insulation, TPE Outer Jacket, 1000V WTTC, 600V TC-ER




Similar Part No. - 7116W

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
7116 ETC1-7116 Datasheet
36Kb / 1P
Common Mode EMI Inductors
logo
Filtran LTD
7116 FILTRAN-7116 Datasheet
182Kb / 1P
Through Hole Common Mode Choke
logo
Molex Electronics Ltd.
7116-4152-02 MOLEX5-7116-4152-02 Datasheet
853Kb / 8P
SEALED CONNECTOR SYSTEM MX123 QUAD ROW
logo
List of Unclassifed Man...
7116-4415-02 ETC-7116-4415-02 Datasheet
697Kb / 1P
RH TYPE TERMINAL FEMALE
2001/08/06
logo
Bourns Electronic Solut...
7116-RC BOURNS-7116-RC Datasheet
89Kb / 1P
Common Mode EMI Chokes
More results


Similar Description - 7116W

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
1337A BELDEN-1337A Datasheet
253Kb / 2P
Fieldbus, 1 Pr #18 Str TC, PO Ins, IS/OS, 1C #18 Str PVC Ins, PVC Jkt, 600V TC-ER
7900A BELDEN-7900A Datasheet
169Kb / 3P
DeviceBus®, 2 Pr #1618 Str TC, PVC-NYLPO Ins, PVC Jkt, 600V TC-ER
05-05-2023
1046A BELDEN-1046A Datasheet
154Kb / 2P
Inst, 36 Pr #16 Str BC, PVC-NYL Ins E1, IS/OS, Blk PVC Jkt, 600V TC-ER
05-25-2023
28335A BELDEN-28335A Datasheet
158Kb / 2P
TC VN/PVC, 5 C #18 Str BC, PVC-NYL Ins E2, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry/Wet SUN RES DIR BUR
06-07-2023
28600A BELDEN-28600A Datasheet
153Kb / 2P
TC VN/PVC, 6 C #18 Str BC, PVC-NYL Ins E2, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry/Wet SUN RES DIR BUR
04-14-2023
A03182R BELDEN-A03182R Datasheet
139Kb / 2P
TC VN/PVC, 3 C #18 Str BC, PVC-NYL Ins E2, Blk PVC Jkt, 600V TC-ER 90C Dry/Wet SUN RES DIR BUR
06-07-2023
A0318KR BELDEN-A0318KR Datasheet
140Kb / 2P
TC VN/PVC, 3 C #18 Str BC, PVC-NYL Ins E2, OS, Blk PVC Jkt, 600V TC-ER 90C Dry/Wet SUN RES DIR BUR
06-07-2023
A0418KR BELDEN-A0418KR Datasheet
140Kb / 2P
TC VN/PVC, 4 C #18 Str BC, PVC-NYL Ins E2, OS, Blk PVC Jkt, 600V TC-ER 90C Dry/Wet SUN RES DIR BUR
06-07-2023
28140AS BELDEN-28140AS Datasheet
192Kb / 2P
TC-ER VN/PVC, 4 C #10 Str BC, PVC-NYL Ins E2, OS, Blk PVC Jkt, 600V TC-ER 90C Dry/Wet SUN RES DIR BUR
06-07-2023
28611A BELDEN-28611A Datasheet
158Kb / 2P
TC VN/PVC, 25 C #18 Str BC, PVC-NYL Ins E2, Blk PVC Jkt, 600V TC-ER TC VN/PVC, 25 C #18 Str BC, PVC-NYL Ins E2, Blk PVC Jkt, 600V TC-ER
04-14-2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com