Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AO3414 Datasheet (PDF) - EVER SEMICONDUCTOR CO.,LIMITED

AO3414 Datasheet PDF - EVER SEMICONDUCTOR CO.,LIMITED
Part # AO3414
Download  AO3414 Download
File Size   341.29 Kbytes
Page   3 Pages
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED
Description N-Channel Enhancement Mode

AO3414 Datasheet (PDF)

Go To PDF Page Download Datasheet
AO3414 Datasheet PDF - EVER SEMICONDUCTOR CO.,LIMITED

Part # AO3414
Download  AO3414 Click to download

File Size   341.29 Kbytes
Page   3 Pages
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED
Description N-Channel Enhancement Mode

AO3414 Datasheet (HTML) - EVER SEMICONDUCTOR CO.,LIMITED


AO3414 Product details

Features
VDS (V) = 20V
ID= 4.2A (VGS=4.5V)
RDS(ON) < 50m Ω (VGS = 4.5V)
RDS(ON) < 63m Ω (VGS = 2.5V)
RDS(ON) < 87m Ω (VGS = 1.8V)




Similar Part No. - AO3414

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO3414 AOSMD-AO3414 Datasheet
113Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
logo
Guangdong Kexin Industr...
AO3414 KEXIN-AO3414 Datasheet
53Kb / 2P
N-Channel Enhancement Mode
logo
Alpha & Omega Semicondu...
AO3414 AOSMD-AO3414 Datasheet
430Kb / 5P
20V N-Channel MOSFET
logo
Guangdong Kexin Industr...
AO3414 KEXIN-AO3414 Datasheet
1Mb / 4P
N-Channel Enhancement MOSFET
logo
VBsemi Electronics Co.,...
AO3414 VBSEMI-AO3414 Datasheet
1Mb / 9P
N-Channel 20 V (D-S) MOSFET
More results


Similar Description - AO3414

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
IRF830 TRSYS-IRF830 Datasheet
282Kb / 3P
N-CHANNEL ENHANCEMENT MODE
logo
Advanced Power Technolo...
ARF446 ADPOW-ARF446 Datasheet
61Kb / 4P
N-CHANNEL ENHANCEMENT MODE
ARF450 ADPOW-ARF450 Datasheet
178Kb / 4P
N-CHANNEL ENHANCEMENT MODE
logo
List of Unclassifed Man...
P2503NVG ETC1-P2503NVG Datasheet
594Kb / 8P
N P-Channel Enhancement Mode Enhancement Mode
logo
Guangdong Kexin Industr...
KO3414 KEXIN-KO3414 Datasheet
53Kb / 2P
N-Channel Enhancement Mode
logo
IXYS Corporation
IXTH60N20L2 IXYS-IXTH60N20L2 Datasheet
155Kb / 5P
N-Channel Enhancement Mode
IXTH220N075T IXYS-IXTH220N075T Datasheet
190Kb / 5P
N-Channel Enhancement Mode
IXTR62N15P IXYS-IXTR62N15P Datasheet
212Kb / 2P
N-Channel Enhancement Mode
logo
New Jersey Semi-Conduct...
VN0104N2 NJSEMI-VN0104N2 Datasheet
68Kb / 1P
N-Channel Enhancement-Mode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com