Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S810 Datasheet (PDF) - Won-Top Electronics

S810 Datasheet PDF - Won-Top Electronics
Part # S810
Download  S810 Download
File Size   52.58 Kbytes
Page   4 Pages
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics
Description 8.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE

S810 Datasheet (PDF)

Go To PDF Page Download Datasheet
S810 Datasheet PDF - Won-Top Electronics

Part # S810
Download  S810 Click to download

File Size   52.58 Kbytes
Page   4 Pages
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics
Description 8.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE

S810 Datasheet (HTML) - Won-Top Electronics


S810 Product details

Low Forward Voltage
Epitaxial Construction with Oxide Passivation
Guard Ring for Transient and ESD Protection
Surge Overload Rating to 150A Peak
Low Power Loss
Fast Switching
Ideally Suited for Use in High Frequency
SMPS, Inverters and As Free Wheeling Diodes




Similar Part No. - S810

ManufacturerPart #DatasheetDescription
logo
Harwin Plc
S8101-46R HARWIN-S8101-46R Datasheet
116Kb / 1P
SMT CABLE CLIP 01.0mm IN TAPE & REEL
logo
Roithner LaserTechnik G...
S810500MG ROITHNER-S810500MG Datasheet
1Mb / 5P
Flat window cap
More results


Similar Description - S810

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
SB820D WTE-SB820D Datasheet
44Kb / 3P
8.0A D2PAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SD820CS WTE-SD820CS Datasheet
44Kb / 3P
8.0A KPAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SD820S WTE-SD820S Datasheet
43Kb / 3P
8.0A DPAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SD820YS WTE-SD820YS Datasheet
44Kb / 3P
8.0A DPAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SB820D WTE-SB820D_06 Datasheet
49Kb / 4P
8.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SB820DC WTE-SB820DC Datasheet
49Kb / 4P
8.0A SURFACE MOUNT DUAL SCHOTTKY BARRIER RECTIFIER
logo
Zibo Seno Electronic En...
SB08T80L ZSELEC-SB08T80L Datasheet
327Kb / 3P
8.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
SS82 ZSELEC-SS82 Datasheet
123Kb / 2P
8.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
MBR840DC ZSELEC-MBR840DC Datasheet
147Kb / 2P
8.0A SCHOTTKY BARRIER DIODE
SR820 ZSELEC-SR820 Datasheet
200Kb / 2P
8.0A SCHOTTKY BARRIER DIODE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com