Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1753433 Datasheet (PDF) - PHOENIX CONTACT

1753433 Datasheet PDF - PHOENIX CONTACT
Part # 1753433
Download  1753433 Download
File Size   322.43 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description CCDN 2,5/15-G1F-5,08 P26 THR - PCB header

1753433 Datasheet (PDF)

Go To PDF Page Download Datasheet
1753433 Datasheet PDF - PHOENIX CONTACT

Part # 1753433
Download  1753433 Click to download

File Size   322.43 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description CCDN 2,5/15-G1F-5,08 P26 THR - PCB header

1753433 Datasheet (HTML) - PHOENIX CONTACT


1753433 Product details

PCB headers, nominal cross section: 2.5 mm2, color: black, nominal current: 12 A, rated voltage
(III/2): 320 V, contact surface: Tin, contact connection type: Pin, number of potentials: 30,
number of rows: 2, number of positions: 15, number of connections: 30, product range: CCDN
2,5/..-G1F-THR, pitch: 5.08 mm, mounting: THR soldering, pin layout: Linear pinning, solder pin
[P]: 2.6 mm, number of solder pins per potential: 1, plug-in system: COMBICON MSTB 2,5, Pin
connector pattern alignment: Standard, locking: Screw locking mechanism, mounting: Threaded
flange, type of packaging: packed in cardboard

Your advantages
• Designed for integration into the SMT soldering process
• Conductor connection on several levels enables higher contact density
• Screwable flange for superior mechanical stability




Similar Part No. - 1753433

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1753437 PHOENIX-1753437 Datasheet
142Kb / 6P
MSTB 2,5/ 2-ST
1753437 PHOENIX-1753437 Datasheet
108Kb / 5P
MSTB 2,5/ 2-ST BK
1753437 PHOENIX-1753437 Datasheet
145Kb / 5P
MSTBV 2,5/ 2-G
1753437 PHOENIX-1753437 Datasheet
172Kb / 6P
MVSTBR 2,5/ 2-ST
1753437 PHOENIX-1753437 Datasheet
151Kb / 6P
MVSTBW 2,5/ 2-ST
More results


Similar Description - 1753433

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1734452 PHOENIX-1734452 Datasheet
69Kb / 3P
Printed-circuit board connector - CCDN 2,5/ 3-G1F P26 THR
1734478 PHOENIX-1734478 Datasheet
69Kb / 3P
Printed-circuit board connector - CCDN 2,5/ 5-G1F P26 THR
1734481 PHOENIX-1734481 Datasheet
69Kb / 3P
Printed-circuit board connector - CCDN 2,5/ 6-G1F P26 THR
1734517 PHOENIX-1734517 Datasheet
69Kb / 3P
Printed-circuit board connector - CCDN 2,5/ 9-G1F P26 THR
1734533 PHOENIX-1734533 Datasheet
69Kb / 3P
Printed-circuit board connector - CCDN 2,5/11-G1F P26 THR
1734575 PHOENIX-1734575 Datasheet
69Kb / 3P
Printed-circuit board connector - CCDN 2,5/15-G1F P26 THR
1734588 PHOENIX-1734588 Datasheet
69Kb / 3P
Printed-circuit board connector - CCDN 2,5/16-G1F P26 THR
1734601 PHOENIX-1734601 Datasheet
68Kb / 3P
Printed-circuit board connector - CCDN 2,5/18-G1F P26 THR
1753268 PHOENIX-1753268 Datasheet
71Kb / 3P
Printed-circuit board connector - CCDN 2,5/15-G1-5,08 P26 THR
1753307 PHOENIX-1753307 Datasheet
69Kb / 3P
Printed-circuit board connector - CCDN 2,5/ 2-G1F-5,08 P26 THR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com