Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1753835 Datasheet (PDF) - PHOENIX CONTACT

1753835 Datasheet PDF - PHOENIX CONTACT
Part # 1753835
Download  1753835 Download
File Size   988.72 Kbytes
Page   17 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MSTBV 2,5/22-G - PCB header

1753835 Datasheet (PDF)

Go To PDF Page Download Datasheet
1753835 Datasheet PDF - PHOENIX CONTACT

Part # 1753835
Download  1753835 Click to download

File Size   988.72 Kbytes
Page   17 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MSTBV 2,5/22-G - PCB header

1753835 Datasheet (HTML) - PHOENIX CONTACT


1753835 Product details

PCB headers, nominal cross section: 2.5 mm2, color: green, nominal current: 12 A, rated voltage
(III/2): 320 V, contact surface: Tin, contact connection type: Pin, number of potentials: 22,
number of rows: 1, number of positions: 22, number of connections: 22, product range: MSTBV
2,5/..-G, pitch: 5 mm, mounting: Wave soldering, pin layout: Linear pinning, solder pin [P]: 3.9
mm, number of solder pins per potential: 1, plug-in system: COMBICON MSTB 2,5, Pin
connector pattern alignment: Standard, locking: without, mounting: without, type of packaging:
packed in cardboard

Your advantages
• Maximum flexibility when it comes to device design – one header for connectors with different connection technologies
• Well-known mounting principle allows worldwide use
• Vertical connection enables multi-row arrangement on the PCB
• Items that can be aligned in various pitches support flexible and space-saving PCB assembly
• Easy PCB replacement thanks to plug-in modules




Similar Part No. - 1753835

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1753831 PHOENIX-1753831 Datasheet
45Kb / 2P
PCB terminal block - ZFKDSA 1,5-W-5,08-14
More results


Similar Description - 1753835

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1753738 PHOENIX-1753738 Datasheet
179Kb / 9P
Feed-through header - MSTBV 2,5/17-G
1753754 PHOENIX-1753754 Datasheet
179Kb / 9P
Feed-through header - MSTBV 2,5/18-G
1753877 PHOENIX-1753877 Datasheet
146Kb / 5P
MSTBV 2,5/24-G
1758212 PHOENIX-1758212 Datasheet
151Kb / 5P
MSTBV 2,5/22-G-5,08
1776980 PHOENIX-1776980 Datasheet
300Kb / 10P
PCB header - MSTBV 2,5/12-GF
02/04/2022
1753657 PHOENIX-1753657 Datasheet
175Kb / 11P
Feed-through header - MSTBV 2,5/13-G
09/11/2020
1776922 PHOENIX-1776922 Datasheet
443Kb / 14P
PCB header - MSTBV 2,5/ 6-GF
1777015 PHOENIX-1777015 Datasheet
444Kb / 14P
PCB header - MSTBV 2,5/15-GF
1777028 PHOENIX-1777028 Datasheet
443Kb / 14P
PCB header - MSTBV 2,5/16-GF
1777002 PHOENIX-1777002 Datasheet
774Kb / 17P
MSTBV 2,5/14-GF - PCB header
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com