Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IGC04R60D Datasheet (PDF) - Infineon Technologies AG

IGC04R60D Datasheet PDF - Infineon Technologies AG
Part # IGC04R60D
Download  IGC04R60D Download
File Size   539.97 Kbytes
Page   17 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Integrated 3 Phase Gate Driver Chip product

IGC04R60D Datasheet (PDF)

Go To PDF Page Download Datasheet
IGC04R60D Datasheet PDF - Infineon Technologies AG

Part # IGC04R60D
Download  IGC04R60D Click to download

File Size   539.97 Kbytes
Page   17 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Integrated 3 Phase Gate Driver Chip product

IGC04R60D Datasheet (HTML) - Infineon Technologies AG


IGC04R60D Product details

1.1 Features
 Thin-film-SOI-technology
 Insensitivity of the bridge output to negative transient voltages up to -50V
given by SOI-technology
 Maximum blocking voltage +600V
 Power supply of the high side drivers via boot strap
 Integrated bootstrap functionality
 Separate control circuits for all six drivers
 CMOS and LSTTL compatible input (positive logic)
 Signal interlocking of every phase to prevent cross-conduction
 Detection of over-current and under-voltage supply
 'shut down' of all switches during error conditions
 65μs delay for fault clear after over current detection




Similar Part No. - IGC04R60D

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IGC04R60DE INFINEON-IGC04R60DE Datasheet
103Kb / 6P
TRENCHSTOPTM RC-Series for hard switching applications
1.2, 31.05.2013
More results


Similar Description - IGC04R60D

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
6ED003L06-F INFINEON-6ED003L06-F Datasheet
293Kb / 18P
Integrated 3 Phase Gate Driver
Rev. 2.1, Dec 2008
logo
International Rectifier
IRS2334SPBF IRF-IRS2334SPBF Datasheet
734Kb / 33P
3 PHASE GATE DRIVER HVIC
IRS2334PBF IRF-IRS2334PBF Datasheet
734Kb / 33P
3 PHASE GATE DRIVER HVIC
IRS2334PBF IRF-IRS2334PBF_15 Datasheet
734Kb / 33P
3 PHASE GATE DRIVER HVIC
logo
Princeton Technology Co...
PT5616A PTC-PT5616A Datasheet
297Kb / 6P
3-Phase 600V Gate Driver IC
PT5617 PTC-PT5617 Datasheet
407Kb / 5P
High Voltage 3-Phase Gate Driver
PT5671 PTC-PT5671 Datasheet
236Kb / 4P
3-Phase MOSFET Gate Driver
logo
Infineon Technologies A...
IRS2334SPBF INFINEON-IRS2334SPBF Datasheet
737Kb / 33P
3 PHASE GATE DRIVER HVIC
27 January 2011
IMD70XA INFINEON-IMD70XA Datasheet
8Mb / 155P
BLDC Integrated Controller and Smart 3 Phase Gate Driver
Revision v1.00 2022-04-11
logo
Littelfuse
LF2388B LITTELFUSE-LF2388B Datasheet
1Mb / 20P
3-Phase Half Bridge Gate Driver
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com