Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW-121-PIN Datasheet (PDF) - Tyco Electronics

SW-121-PIN Datasheet PDF - Tyco Electronics
Part # SW-121-PIN
Download  SW-121-PIN Download
File Size   135.46 Kbytes
Page   3 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description SPST RF Switch, 10-1000MHz

SW-121-PIN Datasheet (PDF)

Go To PDF Page Download Datasheet
SW-121-PIN Datasheet PDF - Tyco Electronics

Part # SW-121-PIN
Download  SW-121-PIN Click to download

File Size   135.46 Kbytes
Page   3 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description SPST RF Switch, 10-1000MHz

SW-121-PIN Datasheet (HTML) - Tyco Electronics


SW-121-PIN Product details

SPST RF Switch, 10 - 1000 MHz

Features
•  Low Loss: 0.5 dB Typical
•  High Isolation: 60 dB Typical
•  Integral TTL Driver
•  Hermetic Package
•  50 Ohm Nominal Impedance
•  MIL-STD-883 Screening Available




Similar Part No. - SW-121-PIN

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
SW-121-PIN MA-COM-SW-121-PIN Datasheet
54Kb / 3P
SPST RF Switch, 10 - 1000 MHz
More results


Similar Description - SW-121-PIN

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW-121 MACOM-SW-121 Datasheet
97Kb / 1P
SPST RF Switch 10 - 1000 MHz
logo
SIRENZA MICRODEVICES
SS-91 SIRENZA-SS-91 Datasheet
405Kb / 1P
SPST Flatpack RF Switch 10-500 MHz
logo
Spectrum Microwave, Inc...
TWD2215 SPECTRUM-TWD2215 Datasheet
191Kb / 1P
SPST RF Switch
TWD2216 SPECTRUM-TWD2216 Datasheet
58Kb / 1P
SPST RF SWITCH
TWM5000 SPECTRUM-TWM5000 Datasheet
50Kb / 1P
SPST RF SWITCH
TWP2209 SPECTRUM-TWP2209 Datasheet
56Kb / 1P
SPST RF SWITCH
TWP2214 SPECTRUM-TWP2214 Datasheet
56Kb / 1P
SPST RF SWITCH
TWP2231 SPECTRUM-TWP2231 Datasheet
40Kb / 1P
SPST RF SWITCH
logo
M/A-COM Technology Solu...
SW-121-PIN MA-COM-SW-121-PIN Datasheet
54Kb / 3P
SPST RF Switch, 10 - 1000 MHz
logo
API Technologies Corp
TWGP2114 APITECH-TWGP2114 Datasheet
50Kb / 1P
SPST RF SWITCH MODEL
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com