Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBM29BS32LF18 Datasheet (PDF) - SPANSION

MBM29BS32LF18 Datasheet PDF - SPANSION
Part # MBM29BS32LF18
Download  MBM29BS32LF18 Download
File Size   314.15 Kbytes
Page   60 Pages
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION
Description BURST MODE FLASH MEMORY CMOS 32M (2M X 16) BIT

MBM29BS32LF18 Datasheet (PDF)

Go To PDF Page Download Datasheet
MBM29BS32LF18 Datasheet PDF - SPANSION

Part # MBM29BS32LF18
Download  MBM29BS32LF18 Click to download

File Size   314.15 Kbytes
Page   60 Pages
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION
Description BURST MODE FLASH MEMORY CMOS 32M (2M X 16) BIT

MBM29BS32LF18 Datasheet (HTML) - SPANSION


MBM29BS32LF18 Product details

■ GENERAL DESCRIPTION
The MBM29BS/BT32LF is a 32M bit, 1.8 Volt-only, Burst mode and dual operation Flash memory organized as 2M words of 16 bits each. The device offered in a 60-ball FBGA package. This device is designed to be programmed in-system with the standard system 1.8V VCC supply.

■ FEATURES
• 0.17 µm process technology
• Single 1.8 volt read, program and erase (1.65 V to 1.95 V)
• Simultaneous Read/Write operation (Dual Bank)
• All Sectors Being Protected Upon Power-up
    The device aims for high-speed read of stored codes, thus to fully prevent it from much anticipated wrong
    operational procedures, programming and erasure, it adopts All-Sectors Lock for ultimate all sector protection
    by default upon power-up.
• FlexBankTM *1
    Bank A: 8M bit (8K words × 4 and 32K words × 15)
    Bank B: 8M bit (32K words × 16)
    Bank C: 8M bit (32K words × 16)
    Bank D: 8M bit (8K words × 4 and 32K words × 15)
• Enhanced I/OTM *2 (VCCQ) Feature
    Input/ Output voltage generated on the device is determined based on the VI/O level
    (MBM29BS32LF: 1.8V VCCQ and MBM29BT32LF: 3.0V VCCQ)
• High Performance Burst frequency reach at 54MHz
    Burst access times of 13.5 ns @ 30 pF at industrial temperature range
    Asynchronous random access times of 70 ns (at 30 pF)
    Synchronous latency of 106 ns with 1.8 V VCCQ, and 106.5 ns with 3.0 V VCCQ (at 30 pF)
• Programmable Burst Read Interface
    Linear Burst: 8, 16, and 32 words with wrap-around
• Compatible with JEDEC-standard commands
    Uses same software commands as E2PROMs
• Minimum 100,000 program/erase cycles
• Sector Erase Architecture
    Eight 8K words, sixty-two 32K words sectors.
    Any combination of sectors can be concurrently erased. Also supports full chip erase.
• Write Protect Pin (WP)
    At VIL, allows protection of “outermost” 2 × 8K words on low end of boot sectors(SA0 and SA1), regardless of
    sector protection/unprotection status
• Accelerate Pin (ACC)
    At VACC, increases program performance.
    At VIL, hardware protect method to lock all sectors.
• Embedded EraseTM *2 Algorithms
    Automatically preprograms and erases the chip or any sector
• Embedded ProgramTM *2 Algorithms
    Automatically writes and verifies data at specified address
• Data Polling and Toggle Bit feature for detection of program or erase cycle completion
• Automatic sleep mode
    When address remain stable, the device automatically switches itself to low power mode
• Erase Suspend/Resume
    Suspends the erase operation to allow a read data and/or program in another sector within the same device
• In accordance with CFI (Common Flash Interface)
• Hardware reset pin (RESET)
    Hardware method to reset the device for reading array data
    To avoid initiation of a write cycle during Vcc power-up/down, Reset must be VIL for defined time.
• Protection
    Software command sector locking
    WP protects the outermost two boot sectors(SA0 and SA1)
    ACC protects all sector at VIL. Should be at VIH for all other conditions.
• CMOS compatible inputs, CMOS compatible outputs




Similar Part No. - MBM29BS32LF18

ManufacturerPart #DatasheetDescription
logo
SPANSION
MBM29BS12DH15 SPANSION-MBM29BS12DH15 Datasheet
1Mb / 84P
BURST MODE FLASH MEMORY CMOS 128M (8M X 16) BIT
MBM29BS12DH15PBT SPANSION-MBM29BS12DH15PBT Datasheet
1Mb / 84P
BURST MODE FLASH MEMORY CMOS 128M (8M X 16) BIT
More results


Similar Description - MBM29BS32LF18

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX28F2100B MCNIX-MX28F2100B Datasheet
283Kb / 45P
2M-BIT [256K x 8/128K x 16] CMOS FLASH MEMORY
MX29LA32XMT MCNIX-MX29LA32XMT Datasheet
913Kb / 72P
32M-BIT [4M x 8/2M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV320AT MCNIX-MX29LV320AT Datasheet
603Kb / 60P
32M-BIT [4M x 8 / 2M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV320CT MCNIX-MX29LV320CT Datasheet
768Kb / 62P
32M-BIT [4M x 8 / 2M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
logo
SPANSION
MBM29LV160T SPANSION-MBM29LV160T Datasheet
731Kb / 58P
FLASH MEMORY CMOS 16M (2M x 8/1M x 16) BIT
MBM29BS12DH15 SPANSION-MBM29BS12DH15 Datasheet
1Mb / 84P
BURST MODE FLASH MEMORY CMOS 128M (8M X 16) BIT
MBM29F160TE70 SPANSION-MBM29F160TE70 Datasheet
575Kb / 49P
FLASH MEMORY CMOS 16M (2M X 8/1M X 16) BIT
MBM29LV160TM90 SPANSION-MBM29LV160TM90 Datasheet
567Kb / 57P
FLASH MEMORY CMOS 16 M (2M X 8/1M X 16) BIT MirrorFlashTM
logo
Macronix International
MX29LV320MTB MCNIX-MX29LV320MTB Datasheet
984Kb / 71P
32M-BIT [4M x 8/2M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV320E MCNIX-MX29LV320E Datasheet
1Mb / 68P
32M-BIT [4M x 8 / 2M x 16] 3V SUPPLY FLASH MEMORY
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com