Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS2020HE Datasheet (PDF) - Won-Top Electronics

SS2020HE Datasheet PDF - Won-Top Electronics
Part # SS2020HE
Download  SS2020HE Download
File Size   52.95 Kbytes
Page   4 Pages
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics
Description 2.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE

SS2020HE Datasheet (PDF)

Go To PDF Page Download Datasheet
SS2020HE Datasheet PDF - Won-Top Electronics

Part # SS2020HE
Download  SS2020HE Click to download

File Size   52.95 Kbytes
Page   4 Pages
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics
Description 2.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE

SS2020HE Datasheet (HTML) - Won-Top Electronics


SS2020HE Product details

Low Profile 1.0mm Max. Case Height
Fast Switching Speed, Low Conduction Losses
PN Junction Guard Ring for Transient and
ESD Protection
Designed for Surface Mount Application
Plastic Material – UL Recognition Flammability
Classification 94V-0




Similar Part No. - SS2020HE

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SS2020 SECOS-SS2020 Datasheet
174Kb / 2P
20AMP Schottky Barrier Rectifiers
logo
Won-Top Electronics
SS20200FL WTE-SS20200FL Datasheet
49Kb / 4P
2.0A HIGH VOLTAGE SURFACE MOUNT SCHOTTKY BARRIER DIODE
April, 2012
SS20200FL-T1 WTE-SS20200FL-T1 Datasheet
49Kb / 4P
2.0A HIGH VOLTAGE SURFACE MOUNT SCHOTTKY BARRIER DIODE
April, 2012
logo
Shanghai Leiditech Elec...
SS20200L LEIDITECH-SS20200L Datasheet
280Kb / 3P
Schottky rectifier
logo
Diotech Company.
SS2020FL DIOTECH-SS2020FL Datasheet
691Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Similar Description - SS2020HE

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
SK22 WTE-SK22_06 Datasheet
46Kb / 4P
2.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
SR22 WTE-SR22_06 Datasheet
46Kb / 4P
2.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Zibo Seno Electronic En...
SK22 ZSELEC-SK22 Datasheet
122Kb / 2P
2.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
SS22 ZSELEC-SS22 Datasheet
64Kb / 2P
2.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
SS22BF ZSELEC-SS22BF Datasheet
87Kb / 2P
2.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
SS22F ZSELEC-SS22F Datasheet
87Kb / 2P
2.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS22W ZSELEC-DS22W Datasheet
138Kb / 2P
2.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
DSK22 ZSELEC-DSK22 Datasheet
139Kb / 2P
2.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
20BQ020 ZSELEC-20BQ020 Datasheet
151Kb / 2P
2.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
SS220S ZSELEC-SS220S Datasheet
93Kb / 2P
2.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com