Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBM29DL16XTE70 Datasheet (PDF) - SPANSION

MBM29DL16XTE70 Datasheet PDF - SPANSION
Part # MBM29DL16XTE70
Download  MBM29DL16XTE70 Download
File Size   1056.24 Kbytes
Page   76 Pages
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION
Description FLASH MEMORY CMOS 16M (2M X 8/1M X 16) BIT Dual Operation

MBM29DL16XTE70 Datasheet (PDF)

Go To PDF Page Download Datasheet
MBM29DL16XTE70 Datasheet PDF - SPANSION

Part # MBM29DL16XTE70
Download  MBM29DL16XTE70 Click to download

File Size   1056.24 Kbytes
Page   76 Pages
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION
Description FLASH MEMORY CMOS 16M (2M X 8/1M X 16) BIT Dual Operation

MBM29DL16XTE70 Datasheet (HTML) - SPANSION


MBM29DL16XTE70 Product details

■ GENERAL DESCRIPTION
The MBM29DL16XTE/BE are a 16M-bit, 3.0 V-only Flash memory organized as 2M bytes of 8 bits each or 1M words of 16 bits each. The MBM29DL16XTE/BE are offered in a 48-pin TSOP(1) and 48-pin FBGA Package. These devices are designed to be programmed in-system with the standard system 3.0 V VCC supply. 12.0 V VPP and 5.0 V VCC are not required for write or erase operations. The devices can also be reprogrammed in standard EPROM programmers.

■ FEATURES
• 0.23 µm Process Technology
• Simultaneous Read/Write operations (dual bank)
    Multiple devices available with different bank sizes
    (Refer to “MBM29DL16XTE/BE Device Bank Divisions Table” in ■GENERAL DESCRIPTION)
    Host system can program or erase in one bank, then immediately and simultaneously read from the other bank
    Zero latency between read and write operations
    Read-while-erase
    Read-while-program
• Single 3.0 V read, program, and erase Minimizes system level power requirements
• Compatible with JEDEC-standard commands Uses same software commands as E2PROMs
• Compatible with JEDEC-standard world-wide pinouts
    48-pin TSOP(1) (Package suffix: TN – Normal Bend Type, TR – Reversed Bend Type)
    48-pin FBGA (Package suffix: PBT)
• Minimum 100,000 program/erase cycles
• High performance
    70 ns maximum access time
• Sector erase architecture
    Eight 4K word and thirty one 32K word sectors in word mode
    Eight 8K byte and thirty one 64K byte sectors in byte mode
    Any combination of sectors can be concurrently erased. Also supports full chip erase.
• Boot Code Sector Architecture
    T = Top sector
    B = Bottom sector
• HiddenROM region
    64K byte of HiddenROM, accessible through a new “HiddenROM Enable” command sequence
    Factory serialized and protected to provide a secure electronic serial number (ESN)
• WP/ACC input pin
    At VIL, allows protection of boot sectors, regardless of sector group protection/unprotection status
    At VACC, increases program performance
• Embedded EraseTM* Algorithms
    Automatically pre-programs and erases the chip or any sector
• Embedded ProgramTM* Algorithms
    Automatically writes and verifies data at specified address
• Data Polling and Toggle Bit feature for detection of program or erase cycle completion
• Ready/Busy output (RY/BY)
    Hardware method for detection of program or erase cycle completion
• Automatic sleep mode
    When addresses remain stable, automatically switch themselves to low power mode.
• Low VCC write inhibit ≤ 2.5 V
• Program Suspend/Resume
    Suspends the program operation to allow a read in another sector with in the same device
• Erase Suspend/Resume
    Suspends the erase operation to allow a read data and/or program in another sector within the same device
• Sector group protection
    Hardware method disables any combination of sector groups from program or erase operations
• Sector Group Protection Set function by Extended sector group protection command
• Fast Programming Function by Extended Command
• Temporary sector group unprotection
    Temporary sector group unprotection via the RESET pin.
• In accordance with CFI (Common Flash Memory Interface)




Similar Part No. - MBM29DL16XTE70

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MBM29DL16XTD FUJITSU-MBM29DL16XTD Datasheet
1Mb / 76P
16M (2M x 8/1M x 16) BIT Dual Operation
logo
SPANSION
MBM29DL16XTD-70 SPANSION-MBM29DL16XTD-70 Datasheet
1Mb / 74P
FLASH MEMORY CMOS 16M (2M X 8/1M X 16) BIT Dual Operation
More results


Similar Description - MBM29DL16XTE70

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MBM29DL16XTD FUJITSU-MBM29DL16XTD Datasheet
1Mb / 76P
16M (2M x 8/1M x 16) BIT Dual Operation
MBM29F160TE FUJITSU-MBM29F160TE Datasheet
577Kb / 53P
16M (2M X 8/1M X 16) BIT
MBM29LV160TE FUJITSU-MBM29LV160TE Datasheet
653Kb / 59P
16M (2M X 8/1M X 16) BIT
MBM29PL160TD FUJITSU-MBM29PL160TD Datasheet
591Kb / 51P
16M (2M x 8/1M x 16) BIT
logo
SPANSION
MBM29F017A SPANSION-MBM29F017A Datasheet
493Kb / 49P
FLASH MEMORY CMOS 16M (2M x 8) BIT
MBM29F016A SPANSION-MBM29F016A Datasheet
467Kb / 43P
FLASH MEMORY CMOS 16M (2M x 8) BIT
MBM29LV160T SPANSION-MBM29LV160T Datasheet
731Kb / 58P
FLASH MEMORY CMOS 16M (2M x 8/1M x 16) BIT
MBM29DL16XTD-70 SPANSION-MBM29DL16XTD-70 Datasheet
1Mb / 74P
FLASH MEMORY CMOS 16M (2M X 8/1M X 16) BIT Dual Operation
MBM29F160TE70 SPANSION-MBM29F160TE70 Datasheet
575Kb / 49P
FLASH MEMORY CMOS 16M (2M X 8/1M X 16) BIT
logo
Macronix International
MX29LV160DT-B MCNIX-MX29LV160DT-B Datasheet
1Mb / 66P
16M-BIT [2M x 8 / 1M x 16] 3V SUPPLY FLASH MEMORY
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com