Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PMBT3904 Datasheet (PDF) - NXP Semiconductors

PMBT3904 Datasheet PDF - NXP Semiconductors
Part # PMBT3904
Download  PMBT3904 Download
File Size   46.93 Kbytes
Page   8 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description NPN switching transistor

PMBT3904 Datasheet (PDF)

Go To PDF Page Download Datasheet
PMBT3904 Datasheet PDF - NXP Semiconductors

Part # PMBT3904
Download  PMBT3904 Click to download

File Size   46.93 Kbytes
Page   8 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description NPN switching transistor

PMBT3904 Datasheet (HTML) - NXP Semiconductors


PMBT3904 Product details

DESCRIPTION
NPN switching transistor in a SOT23 plastic package.
PNP complement: PMBT3906.

FEATURES
• Low current (max. 100 mA)
• Low voltage (max. 40 V).

APPLICATIONS
• Telephony and professional communication equipment.




Similar Part No. - PMBT3904

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMBT3904 NXP-PMBT3904 Datasheet
150Kb / 9P
NPN switching transistor
2004 Jan 12
PMBT3904 PHILIPS-PMBT3904 Datasheet
150Kb / 9P
NPN switching transistor
2004 Jan 12
logo
Nexperia B.V. All right...
PMBT3904 NEXPERIA-PMBT3904 Datasheet
220Kb / 11P
40 V, 200 mA NPN switching transistor
5 November 2020
logo
NXP Semiconductors
PMBT3904-215 PHILIPS-PMBT3904-215 Datasheet
150Kb / 9P
NPN switching transistor
2004 Jan 12
logo
Nexperia B.V. All right...
PMBT3904-Q NEXPERIA-PMBT3904-Q Datasheet
216Kb / 10P
40 V, 200 mA NPN switching transistor
11 January 2023
More results


Similar Description - PMBT3904

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
2N5772 FAIRCHILD-2N5772 Datasheet
28Kb / 4P
NPN Switching Transistor
logo
Solid States Devices, I...
SFT6800S.5 SSDI-SFT6800S.5_1 Datasheet
94Kb / 2P
NPN switching Transistor
logo
Galaxy Semi-Conductor H...
MMBT2222AT BILIN-MMBT2222AT Datasheet
184Kb / 4P
NPN SWITCHING TRANSISTOR
logo
Shenzhen Luguang Electr...
MMBT2222AT-SOT-523 LUGUANG-MMBT2222AT-SOT-523 Datasheet
1Mb / 4P
NPN SWITCHING TRANSISTOR
logo
TT Electronics.
2N2369A TTELEC-2N2369A Datasheet
233Kb / 3P
NPN SWITCHING TRANSISTOR
logo
Shenzhen Luguang Electr...
MMBT3904 LUGUANG-MMBT3904 Datasheet
1Mb / 3P
NPN SWITCHING TRANSISTOR
logo
AiT Semiconductor Inc.
MBT2222AL AITSEMI-MBT2222AL Datasheet
832Kb / 9P
SWITCHING TRANSISTOR NPN TRANSISTOR
REV1.3
MBT3904L AITSEMI-MBT3904L Datasheet
1Mb / 9P
SWITCHING TRANSISTOR NPN TRANSISTOR
REV1.2
MBT3904T AITSEMI-MBT3904T Datasheet
1Mb / 10P
SWITCHING TRANSISTOR NPN TRANSISTOR
REV1.0
MBT5550 AITSEMI-MBT5550 Datasheet
1,016Kb / 7P
SWITCHING TRANSISTOR NPN TRANSISTOR
REV1.0
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com