Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NE32484A Datasheet (PDF) - NEC

NE32484A Datasheet PDF - NEC
Part # NE32484A
Download  NE32484A Download
File Size   55.54 Kbytes
Page   5 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description ULTRA LOW NOISE PSEUDOMORPHIC HJ FET

NE32484A Datasheet (PDF)

Go To PDF Page Download Datasheet
NE32484A Datasheet PDF - NEC

Part # NE32484A
Download  NE32484A Click to download

File Size   55.54 Kbytes
Page   5 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description ULTRA LOW NOISE PSEUDOMORPHIC HJ FET

NE32484A Datasheet (HTML) - NEC


NE32484A Product details

DESCRIPTION
The NE32484A is a pseudomorphic Hetero-Junction FET that uses the junction between Si-doped AlGaAs and undoped InGaAs to create very high mobility electrons. The device features mushroom shaped TiAl gates for decreased gate resistance and improved power handling capabilities. The mushroom gate also results in lower noise figure and high associated gain. This device is housed in an epoxy-sealed, metal/ceramic package and is intended for high volume consumer and industrial applications.
NECs stringent quality assurance and test procedures assure the highest reliability and performance.

FEATURES
• VERY LOW NOISE FIGURE:
   0.6 dB typical at 12 GHz
• HIGH ASSOCIATED GAIN:
   11 dB typical at 12 GHz
• LG = 0.25 µm, WG = 200 µm
• LOW COST METAL/CERAMIC PACKAGE
• TAPE & REEL PACKAGING OPTION AVAILABLE




Similar Part No. - NE32484A

ManufacturerPart #DatasheetDescription
logo
NEC
NE32484A NEC-NE32484A Datasheet
63Kb / 12P
C to Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
Renesas Technology Corp
NE32484A RENESAS-NE32484A Datasheet
195Kb / 14P
HETERO JUNCTION FIELD EFFECT TRANSISTOR
1991
logo
NEC
NE32484A-SL NEC-NE32484A-SL Datasheet
63Kb / 12P
C to Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
Renesas Technology Corp
NE32484A-SL RENESAS-NE32484A-SL Datasheet
195Kb / 14P
HETERO JUNCTION FIELD EFFECT TRANSISTOR
1991
logo
NEC
NE32484A-T1 NEC-NE32484A-T1 Datasheet
63Kb / 12P
C to Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
More results


Similar Description - NE32484A

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NE321000 CEL-NE321000_01 Datasheet
135Kb / 6P
ULTRA LOW NOISE PSEUDOMORPHIC HJ FET
logo
NEC
NE32584C NEC-NE32584C_98 Datasheet
57Kb / 6P
ULTRA LOW NOISE PSEUDOMORPHIC HJ FET
NE24200 NEC-NE24200_00 Datasheet
46Kb / 4P
ULTRA LOW NOISE PSEUDOMORPHIC HJ FET (SPACE QUALIFIED)
NE32400 NEC-NE32400_98 Datasheet
55Kb / 5P
ULTRA LOW NOISE PSEUDOMORPHIC HJ FET
NE32684A NEC-NE32684A Datasheet
194Kb / 5P
ULTRA LOW NOISE PSEUDOMORPHIC HJ FET
NE32984D NEC-NE32984D Datasheet
51Kb / 4P
ULTRA LOW NOISE PSEUDOMORPHIC HJ FET
logo
California Eastern Labs
NE32584 CEL-NE32584 Datasheet
58Kb / 6P
ULTRA LOW NOISE PSEUDOMORPHIC HJ FET
NE24283B CEL-NE24283B Datasheet
49Kb / 4P
ULTRA LOW NOISE PSEUDOMORPHIC HJ FET
NE24200 CEL-NE24200 Datasheet
47Kb / 4P
ULTRA LOW NOISE PSEUDOMORPHIC HJ FET
NE321000 CEL-NE321000 Datasheet
141Kb / 6P
ULTRA LOW NOISE PSEUDOMORPHIC HJ FET
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com