Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AO4404 Datasheet (PDF) - EVER SEMICONDUCTOR CO.,LIMITED

AO4404 Datasheet PDF - EVER SEMICONDUCTOR CO.,LIMITED
Part # AO4404
Download  AO4404 Download
File Size   334.65 Kbytes
Page   8 Pages
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED
Description N-Channel 20V (D-S) MOSFET

AO4404 Datasheet (PDF)

Go To PDF Page Download Datasheet
AO4404 Datasheet PDF - EVER SEMICONDUCTOR CO.,LIMITED

Part # AO4404
Download  AO4404 Click to download

File Size   334.65 Kbytes
Page   8 Pages
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED
Description N-Channel 20V (D-S) MOSFET

AO4404 Datasheet (HTML) - EVER SEMICONDUCTOR CO.,LIMITED


AO4404 Product details

Description
The AO4404 uses advanced trench technology
to provide excellent RDS(ON), low gate charge and
operation with gate voltages as low as 4.5V. This
device is suitable for use as a
Battery protection or in other Switching application.

General Features
VDS = 30V ID =8.5 A
RDS(ON) < 20mΩ @ VGS=10V

Application
Battery protection
Load switch
Uninterruptible power supply




Similar Part No. - AO4404

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4404 AOSMD-AO4404 Datasheet
587Kb / 6P
N-Channel Enhancement Mode Field Effect Transistor
AO4404 AOSMD-AO4404 Datasheet
116Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
logo
Guangdong Kexin Industr...
AO4404 KEXIN-AO4404 Datasheet
1Mb / 4P
N-Channel MOSFET
logo
VBsemi Electronics Co.,...
AO4404 VBSEMI-AO4404 Datasheet
1Mb / 9P
N-Channel 20V (D-S) MOSFET
logo
Guangdong Youtai Semico...
AO4404 UMW-AO4404 Datasheet
496Kb / 8P
N-Channel 20V (D-S) MOSFET
More results


Similar Description - AO4404

ManufacturerPart #DatasheetDescription
logo
Analog Power
AM1320N ANALOGPOWER-AM1320N Datasheet
192Kb / 4P
N-Channel 20V (D-S) MOSFET
AM2332N ANALOGPOWER-AM2332N Datasheet
178Kb / 5P
N-Channel 20V (D-S) MOSFET
AM3428N ANALOGPOWER-AM3428N Datasheet
166Kb / 3P
N-Channel 20V (D-S) MOSFET
logo
Bruckewell Technology L...
MS23N20Z BWTECH-MS23N20Z Datasheet
789Kb / 6P
N-Channel 20V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
UT4420G-S08-R VBSEMI-UT4420G-S08-R Datasheet
1Mb / 9P
N-Channel 20V (D-S) MOSFET
UT4800G-S08-T VBSEMI-UT4800G-S08-T Datasheet
1Mb / 9P
N-Channel 20V (D-S) MOSFET
UT4800L-S08-T VBSEMI-UT4800L-S08-T Datasheet
1Mb / 9P
N-Channel 20V (D-S) MOSFET
SSM4412 VBSEMI-SSM4412 Datasheet
1Mb / 9P
N-Channel 20V (D-S) MOSFET
SSM4800AGM VBSEMI-SSM4800AGM Datasheet
1Mb / 9P
N-Channel 20V (D-S) MOSFET
SSM4410M VBSEMI-SSM4410M Datasheet
1Mb / 9P
N-Channel 20V (D-S) MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com