Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AO4826 Datasheet (PDF) - EVER SEMICONDUCTOR CO.,LIMITED

AO4826 Datasheet PDF - EVER SEMICONDUCTOR CO.,LIMITED
Part # AO4826
Download  AO4826 Download
File Size   368.82 Kbytes
Page   8 Pages
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED
Description Dual N-Channel MOSFET

AO4826 Datasheet (PDF)

Go To PDF Page Download Datasheet
AO4826 Datasheet PDF - EVER SEMICONDUCTOR CO.,LIMITED

Part # AO4826
Download  AO4826 Click to download

File Size   368.82 Kbytes
Page   8 Pages
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED
Description Dual N-Channel MOSFET

AO4826 Datasheet (HTML) - EVER SEMICONDUCTOR CO.,LIMITED


AO4826 Product details

General Description
The AO4826 uses advanced trench technology to
provide excellent RDS(ON) and low gate charge. This
device is suitable for use as a load switch or in PWM
applications.

General Features
VDS = 60V ID =6.3 A
RDS(ON) < 25mΩ @ VGS=10V
RDS(ON) < 30mΩ @ VGS=4.5V




Similar Part No. - AO4826

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4826 AOSMD-AO4826 Datasheet
111Kb / 4P
Dual N-Channel Enhancement Mode Field Effect Transistor
AO4826 AOSMD-AO4826 Datasheet
170Kb / 4P
60V Dual N-Channel MOSFET
logo
VBsemi Electronics Co.,...
AO4826 VBSEMI-AO4826 Datasheet
1Mb / 9P
Dual N-Channel 60 V (D-S) 175 째C MOSFET
logo
Guangdong Youtai Semico...
AO4826 UMW-AO4826 Datasheet
420Kb / 8P
Dual N-Channel MOSFET
logo
Guangdong Kexin Industr...
AO4826-HF KEXIN-AO4826-HF Datasheet
1Mb / 4P
Dual N-Channel MOSFET
More results


Similar Description - AO4826

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MCS8804 MCC-MCS8804 Datasheet
580Kb / 4P
Dual N-Channel MOSFET
logo
Guangdong Kexin Industr...
KI8810DY KEXIN-KI8810DY Datasheet
1Mb / 4P
Dual N-Channel MOSFET
AO4822 KEXIN-AO4822 Datasheet
2Mb / 5P
Dual N-Channel MOSFET
AO4822A-HF KEXIN-AO4822A-HF Datasheet
2Mb / 5P
Dual N-Channel MOSFET
AO4822-HF KEXIN-AO4822-HF Datasheet
2Mb / 5P
Dual N-Channel MOSFET
AO4828-HF KEXIN-AO4828-HF Datasheet
1Mb / 4P
Dual N-Channel MOSFET
AO4832 KEXIN-AO4832 Datasheet
1Mb / 5P
Dual N-Channel MOSFET
AO4832-HF KEXIN-AO4832-HF Datasheet
2Mb / 5P
Dual N-Channel MOSFET
AO4862 KEXIN-AO4862 Datasheet
1Mb / 4P
Dual N-Channel MOSFET
AO4862-HF KEXIN-AO4862-HF Datasheet
1Mb / 4P
Dual N-Channel MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com